Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 17Page - Analog Devices ADA2200 Datasheet HTML 18Page - Analog Devices ADA2200 Datasheet HTML 19Page - Analog Devices ADA2200 Datasheet HTML 20Page - Analog Devices ADA2200 Datasheet HTML 21Page - Analog Devices ADA2200 Datasheet HTML 22Page - Analog Devices ADA2200 Datasheet HTML 23Page - Analog Devices ADA2200 Datasheet HTML 24Page - Analog Devices ADA2200 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ADA2200
Data Sheet
Figure 31. Serial Port Interface Timing, MSB First
Figure 32. Serial Port Interface Timing, LSB First
BOOTING FROM EEPROM
The device can load the internal registers from the EEPROM using
the internal I2C master to customize the operation of the ADA2200.
To enable this feature, the user must control either the RST pin
or the BOOT pin. In either case, the device boots from the
EEPROM only when it is out of reset and the master clock is active.
Enabling Load from Memory
A boot from the EEPROM is initiated by two methods.
To initiate loading via the BOOT pin, the device must be out of
reset, and the BOOT pin is brought low for a minimum of two
clock cycles of the master clock. After it is initiated, the boot
completes irrespective of the state of the BOOT pin. To initiate
subsequent boots, the BOOT pin must be brought high and
then low for a minimum of two clock cycles of the master clock.
To initiate loading via the RST pin, the BOOT pin must be low.
The RST pin can be tied high and the ADA2200 loads from the
EEPROM when the device is powered up and the internal POR
cycle completes. To initiate subsequent boots, the ADA2200 can
be power cycled or the RST pin can be brought low and then high.
The SPI interface is disabled while the ADA2200 is loading the
EEPROM.
Load from Memory Cycle
The ADA2200 reads the first 28 bytes of the EEPROM. The first
27 bytes represent the contents to be loaded into Register 0x0011 to
Register 0x0027. Byte 28 contains the checksum stored in the
EEPROM.
The ADA2200 calculates the checksum for the first 27 bytes that
it reads back and compares it to the checksum in the EEPROM.
The ADA2200 calculated checksum is accessible by reading the
EEPROM checksum register (Register 0x002E). If the ADA2200
checksum matches the checksum stored in the EEPROM, the
load from the EEPROM was successful. The load from the
EEPROM pass or fail status is recorded in the EEPROM status
register (Register 0x002F).
In addition, the LSB of the EEPROM status register indicates
whether the load cycle is complete. Logic 1 represents successful
completion of the load cycle. Logic 0 represents the occurrence of
a timeout violation during the loading cycle. In the event of a time-
out or the successful completion of the load from a memory cycle,
the ADA2200 I2C master interface disables, and the ADA2200
SPI interface reenables, allowing the user communication access to
the device.
The load cycle completes within 10,000 clock cycles of CLKIN
(or CLKIN divided by the current value of CLKIN DIV[2:0] if
the load cycle is being initiated by the BOOT pin).
Dual Configuration/Dual Device Memory Load
The CS/A0 pin allows a single EEPROM device to support a dual
configuration for a single ADA2200 device or different
configurations for two different ADA2200 devices. To ensure
reliable operation, set the CS/A0 pin to the desired state before
initiating a boot, and then hold the state for the entire duration
of the boot.
To configure a single ADA2200 device, the EEPROM must have a
word page size that supports a minimum of 32 words, each of 8 bits
per word. To support two devices, or a dual configuration for a
single device, the EEPROM must have at least two word pages.
The ADA2200 configuration data for each device must be
allocated to the EEPROM memory within a single word page.
Using SPI Master with EEPROM Loading
The load from a memory cycle requires an I2C communication
bus between the ADA2200 and the EEPROM device; however,
the ADA2200 can still be controlled by the SPI interface after the
load from the memory cycle is complete. It is recommended that
the CS/A0 pin return to logic high after the load from the memory
cycle and before the first SPI read or write command. This allows
the user to ensure that the proper setup time elapses before the
initiation of a SPI read/write command (see Table 2).
R/W A14 A13
A3
A2
A1
A0 D7N D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
CS
A0
A1
A2
A12 A13 A14
D00 D10 D20
D7N
D6N
D5N
D4N
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
CS
R/W
Rev. 0 | Page 20 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com