Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 17Page - Analog Devices ADA2200 Datasheet HTML 18Page - Analog Devices ADA2200 Datasheet HTML 19Page - Analog Devices ADA2200 Datasheet HTML 20Page - Analog Devices ADA2200 Datasheet HTML 21Page - Analog Devices ADA2200 Datasheet HTML 22Page - Analog Devices ADA2200 Datasheet HTML 23Page - Analog Devices ADA2200 Datasheet HTML 24Page - Analog Devices ADA2200 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
ADA2200
DEVICE CONFIGURATION REGISTER MAP AND DESCRIPTIONS
Table 10. Device Configuration Register Map1
Addr.
(Hex)
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default2
0x0000
Serial
interface
Reset
LSB first
Address
increment
SDO
active
SDO
active
Address
increment
LSB first
Reset
0x00
0x0006
Chip type
0
0
0
0
Die revision[3:0]
0x00
(read
only)
0x0010
Filter strobe
0
0
0
0
0
0
Load coefficients[1:0]
0x00
0x0011 to
0x0027
Filter
configuration
Coefficient[7:0]
See
Table 11
0x0028
Analog pin
configuration
X
X
X
X
X
X
INP gain
Clock
source
select
0x00
0x0029
Sync control
X
X
SYNCO output
enable
SYNCO
invert
SYNCO edge select[3:0]
0x2D
0x002A
Demod
control
X
PHASE90
X
Mixer
enable
RCLK
select
VOCM select[2:0]
0x18
0x002B
Clock
configuration
X
X
X
CLKIN DIV[2:0]
RCLK DIV[1:0]
0x02
0x002C
Digital pin
configuration
X
X
X
X
X
X
X
RCLK/SDO
output
enable
0x01
0x002D
Core reset
X
X
X
X
X
X
X
Core reset
0x00
0x002E
Checksum
Checksum value[7:0]
N/A
(read
only)
0x002F
EEPROM
status
X
X
X
X
X
Checksum
failed
Checksum
passed
Boot from
EEPROM
complete
N/A
(read
only)
1
X means don’t care.
2
N/A means not applicable.
Table 11. Device Configuration Register Descriptions
Name
Address
(Hex)
Bits
Bit Name
Description
Default1
Serial
Interface
0x0000
7
Reset
Writing a 1 to this bit places the device in reset. The device
remains in reset until a 0 is written to this bit. All of the
configuration registers return to their default values.
0
6
LSB first
Serial port communication, LSB or MSB first.
0
0 = MSB first.
1 = LSB first.
5
Address increment
Controls address increment mode for multibyte register access.
0
0 = address decrement.
1 = address increment.
4
SDO active
4-wire SPI select.
0
0 = SDIO operates as a bidirectional input/output. The SDO signal
is disabled.
1 = SDIO operates as an input only. The SDO signal is active.
3
SDO active
This bit is a mirror of Bit 4 in Register 0x0000.
0
2
Address increment
This bit is a mirror of Bit 5 in Register 0x0000.
0
1
LSB first
This bit is a mirror of Bit 6 in Register 0x0000.
0
0
Reset
This bit is a mirror of Bit 7 in Register 0x0000.
0
Chip Type
0x0006
[3:0]
Die revision[3:0]
Die revision number.
0000
Rev. 0 | Page 21 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com