Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 16Page - Analog Devices ADA2200 Datasheet HTML 17Page - Analog Devices ADA2200 Datasheet HTML 18Page - Analog Devices ADA2200 Datasheet HTML 19Page - Analog Devices ADA2200 Datasheet HTML 20Page - Analog Devices ADA2200 Datasheet HTML 21Page - Analog Devices ADA2200 Datasheet HTML 22Page - Analog Devices ADA2200 Datasheet HTML 23Page - Analog Devices ADA2200 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
ADA2200
DEVICE CONFIGURATION
The ADA2200 has several registers that can be programmed to
customize the device operation. There are two methods for
programming the registers: the device can be programmed over
the serial port interface, or the I2C master can be used to read
the configuration from a serial EEPROM.
SERIAL PORT OPERATION
The serial port is a flexible, synchronous serial communications
port that allows easy interfacing to many industry-standard micro-
controllers and microprocessors. The serial I/O is compatible
with most synchronous transfer formats, including both the
Motorola SPI and Intel® SSR protocols. The interface allows
read/write access to all registers that configure the ADA2200.
Single-byte or multiple-byte transfers are supported, as well as
MSB first or LSB first transfer formats. The serial port interface can
be configured as a single-pin I/O (SDIO) or as two unidirectional
pins for input and output (SDIO and SDO).
A communication cycle with the ADA2200 has two phases.
Phase 1 is the instruction cycle (the writing of an instruction
byte into the device), coincident with the first 16 SCLK rising
edges. The instruction byte provides the serial port controller with
information regarding the data transfer cycle—Phase 2 of the
communication cycle. The Phase 1 instruction byte defines
whether the upcoming data transfer is a read or write, along with
the starting register address for the first byte of the data transfer.
The first 16 SCLK rising edges of each communication cycle are
used to write the instruction byte into the device.
A logic high on the CS/A0 pin followed by a logic low resets the
serial port timing to the initial state of the instruction cycle.
From this state, the next 16 rising SCLK edges represent the
instruction bits of the current I/O operation.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the device and
the system controller. Phase 2 of the communication cycle is a
transfer of one or more data bytes. Registers change immediately
upon writing to the last bit of each transfer byte.
DATA FORMAT
The instruction byte contains the information shown in Table 9.
Table 9. Serial Port Instruction Byte
MSB
LSB
I15
I14
I13
I12
…
I2
I1
I0
R/W
A14
A13
A12
…
A2
A1
A0
R/W, Bit 15 of the instruction byte, determines whether a read or a
write data transfer occurs after the instruction byte write. Logic 1
indicates a read operation, and Logic 0 indicates a write operation.
A14 to A0, Bit 14 to Bit 0 of the instruction byte, determine the
register that is accessed during the data transfer portion of the
communication cycle. For multibyte transfers, A14 is the starting
byte address. The remaining register addresses are generated by
the device based on the LSB first bit (Register 0x0000, Bit 6).
SERIAL PORT PIN DESCRIPTIONS
Serial Clock (SCLK/SCL)
The serial clock pin synchronizes data to and from the device
and runs the internal state machines. The maximum frequency
of SCLK is 20 MHz. All data input is registered on the rising edge
of the SCLK signal. All data is driven out on the falling edge of
the SCLK signal
Chip Select (CS/A0)
An active low input starts and gates a communication cycle.
It allows more than one device to be used on the same serial
communications lines. When the CS/A0 pin is high, the SDO
and SDIO signals go to a high impedance state. Keep the CS/A0
pin low throughout the entire communication cycle.
Serial Data I/O (SDIO/SDA)
Data is always written into the device on this pin. However, this
pin can be used as a bidirectional data line. The configuration
of this pin is controlled by Register 0x0000, Bit 3 and Bit 4. The
default is Logic 0, configuring the SDIO/SDA pin as unidirectional.
Serial Data Output (RCLK/SDO)
If the ADA2200 is configured for 4-wire SPI operation, this pin
can be used as the serial data output pin. If the device is configured
for 3-wire SPI operation, this pin can be used as an output for
the reference clock (RCLK) signal. Setting the RCLK select bit
(Register 0x002A, Bit 3) high activates the RCLK signal.
SERIAL PORT OPTIONS
The serial port can support both MSB first and LSB first data
formats. This functionality is controlled by the LSB first bit
(Register 0x0000, Bit 6). The default is MSB first (LSB first = 0).
When the LSB first bit = 0 (MSB first), the instruction and data
bits must be written from MSB to LSB. Multibyte data transfers
in MSB first format start with an instruction byte that includes the
register address of the most significant data byte. Subsequent data
bytes follow from high address to low address. In MSB first
mode, the serial port internal byte address generator decrements
for each data byte of the multibyte communication cycle.
When the LSB first bit = 1, the instruction and data bits must be
written from LSB to MSB. Multibyte data transfers in LSB first
format start with an instruction byte that includes the register
address of the least significant data byte. Subsequent data bytes
follow from the low address to the high address. In LSB first
mode, the serial port internal byte address generator increments
for each data byte of the multibyte communication cycle.
If the MSB first mode is active, the data address is decremented
for each successive read or write operation performed in a
multibyte register access. If the LSB first mode is active, the data
address increments for each successive read or write operation
performed in a multibyte register access.
Rev. 0 | Page 19 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com