Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 6Page - Analog Devices ADA2200 Datasheet HTML 7Page - Analog Devices ADA2200 Datasheet HTML 8Page - Analog Devices ADA2200 Datasheet HTML 9Page - Analog Devices ADA2200 Datasheet HTML 10Page - Analog Devices ADA2200 Datasheet HTML 11Page - Analog Devices ADA2200 Datasheet HTML 12Page - Analog Devices ADA2200 Datasheet HTML 13Page - Analog Devices ADA2200 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
0
5
10
15
20
25
30
35
78
79
80
81
82
83
84
RELATIVE PHASE (Degrees)
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0
10
20
30
40
50
60
TIME (µs)
–10
–5
0
5
10
15
20
25
30
35
–270 –240 –210 –180 –150 –120 –90 –60 –30
0
30
60
90
RELATIVE PHASE (Degrees)
MAGNITUDE ERROR
MAGNITUDE ERROR, OFFSET REMOVED
–200
–150
–100
–50
0
50
100
150
200
0
10
9
8
7
6
5
4
3
2
1
TIME (Seconds)
100
1k
10k
1
100k
10k
1k
100
10
FREQUENCY (Hz)
CLKIN = 500kHz
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–270 –240 –210 –180 –150 –120 –90 –60 –30
0
30
60
90
RELATIVE PHASE (Degrees)
PHASE ERROR
PHASE ERROR, OFFSET REMOVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com