Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 17Page - Analog Devices ADA2200 Datasheet HTML 18Page - Analog Devices ADA2200 Datasheet HTML 19Page - Analog Devices ADA2200 Datasheet HTML 20Page - Analog Devices ADA2200 Datasheet HTML 21Page - Analog Devices ADA2200 Datasheet HTML 22Page - Analog Devices ADA2200 Datasheet HTML 23Page - Analog Devices ADA2200 Datasheet HTML 24Page - Analog Devices ADA2200 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
ADA2200
Data Sheet
Name
Address
(Hex)
Bits
Bit Name
Description
Default1
Filter Strobe
0x0010
[7:0]
Load coefficients[1:0]
When toggled from 0 to 1, the filter coefficients in configuration
Register 0x0011 through Register 0x0027 are loaded into the IIR filter.
00
Filter
Configuration
0x0011
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0xC022
0x0012
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x0F2
0x0013
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x1D2
0x0014
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0xD72
0x0015
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0xC02
0x0016
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x0F2
0x0017
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0xC02
0x0018
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x0F2
0x0019
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x1D2
0x001A
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x972
0x001B
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x7E2
0x001C
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x882
0x001D
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0xC02
0x001E
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x0F2
0x001F
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0xC02
0x0020
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x0F2
0x0021
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0xC02
0x0022
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x0F2
0x0023
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x002
0x0024
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0xE02
0x0025
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x232
0x0026
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x022
0x0027
[7:0]
Coefficient[7:0]
Programmable filter coefficients.
0x242
Analog Pin
Configuration
0x0028
1
INP gain
1 = only the INP input signal is sampled. An additional 6 dB of
gain is applied to the signal path.
0
0
Clock source select
0 = device is configured to generate a clock if a crystal or
resonator is placed between the XOUT and CLKIN pins.
0
1 = device is configured to accept a CMOS level clock on the
CLKIN pin. The internal XOUT driver is disabled.
Sync Control
0x0029
5
SYNCO output enable
1 = enables the SYNCO output pad driver.
1
4
SYNCO invert
1 = inverts the SYNCO signal.
0
[3:0]
SYNCO edge select
These bits select one of 16 different edge locations for the SYNCO
pulse relative to the output sample window. See Figure 24 for details.
1101
Demod
Control
0x002A
6
PHASE90
1 = delays the phase between the RCLK output and the strobe
controlling the mixing signal. See Figure 23 for details.
0
4
Mixer enable
1 = the last sample that is taken while RCLK is active remains held
while RCLK is inactive.
1
3
RCLK select
0 = sends the SDO signal to the output driver of Pin 13.
1
1 = sends the RCLK signal to the output driver of Pin 13.
[2:0]
VOCM select
000 = set the VOCM pin to VDD/2. Low power mode.
000
001 = use the external reference to drive VOCM.
010 = set the VOCM pin to VDD/2. Fast settling mode.
101 = set the VOCM pin to 1.2 V.
Rev. 0 | Page 22 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com