Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 3Page - Analog Devices ADA2200 Datasheet HTML 4Page - Analog Devices ADA2200 Datasheet HTML 5Page - Analog Devices ADA2200 Datasheet HTML 6Page - Analog Devices ADA2200 Datasheet HTML 7Page - Analog Devices ADA2200 Datasheet HTML 8Page - Analog Devices ADA2200 Datasheet HTML 9Page - Analog Devices ADA2200 Datasheet HTML 10Page - Analog Devices ADA2200 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ADA2200
Data Sheet
Figure 4. Load from EEPROM Timing Diagram
Figure 5. CLKIN to RCLK, SYNCO, and OUTP/OUTN Sample Timing
Table 4. Output, SYNCO, and RCLK Timing, Default Register Settings
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
t1
CLKIN to OUTx sample update delay
50
ns
t2
CLKIN to SYNCO delay, rising or falling edge to rising edge
40
ns
t3
SYNCO pulse width
1/fSI
ns
t4
CLKIN to RCLK delay, rising edge to rising or falling edge
70
ns
Figure 6. Input, Output, SYNCO, and RCLK Timing Relative to CLKIN
t1
t2
t3
t4
RST
BOOT
SCL
SDA
START
b10001
R/W ACK
ACK
ACK
DATA
STOP
REGISTER ADDR
ADDR
[1:0]
30
SAMPLE 0
SAMPLE 1
SAMPLE 2
SAMPLE 3 + 4 HOLD SAMPLES
40
50
60
70
80
90
100
OUTPUT
PHASE90 = 1
CLKIN
RCLK
SYNCO
HOLD SAMPLES
SAMPLE 0
SAMPLE 1
SAMPLE 2
SAMPLE 3 + 4 HOLD SAMPLES
SAMPLE 0
SAMPLE 1
OUTPUT
PHASE90 = 0
6
CLKIN
RCLK
SYNCO
INx, OUTx
INN/INP
OUTN/OUTP
7
0
1
2
3
4
t1
t2
t3
t4
Rev. 0 | Page 6 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com