Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 10Page - Analog Devices ADA2200 Datasheet HTML 11Page - Analog Devices ADA2200 Datasheet HTML 12Page - Analog Devices ADA2200 Datasheet HTML 13Page - Analog Devices ADA2200 Datasheet HTML 14Page - Analog Devices ADA2200 Datasheet HTML 15Page - Analog Devices ADA2200 Datasheet HTML 16Page - Analog Devices ADA2200 Datasheet HTML 17Page - Analog Devices ADA2200 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
ADA2200
IIR FILTER
The IIR block operates at the output sample rate, fSO, which is at
1/8th of the input sample rate (fSI). By default, the IIR filter is
configured as a band-pass filter with a center frequency at fSO/8
(fSI/64). This frequency corresponds to the default mixing
frequency and assures that input signals in the center of the pass
band mix down to dc.
Figure 22 shows the default frequency response of the IIR filter.
Figure 22. Default IIR Filter Frequency Response (fSO/8 BPF)
If a different frequency response is required, the IIR can be
programmed for a different response. Register 0x0011 through
Register 0x0027 contain coefficient values that program the
filter response. To program the filter, first load the configuration
registers (Register 0x0011 through Register 0x0027) with the
desired coefficients. The coefficients can then be loaded into the
filter by writing 0x03 to Register 0x0010.
The IIR filter can be configured for all pass operation by
loading the coefficients listed in Table 8.
Table 8. IIR Coefficients for the All Pass Filter
Register
Value
0x0011
0xC0
0x0012
0x0F
0x0013
0x1D
0x0014
0xD7
0x0015
0xC0
0x0016
0x0F
0x0017
0xC0
0x0018
0x0F
0x0019
0x1D
0x001A
0x97
0x001B
0x7E
0x001C
0x88
0x001D
0xC0
0x001E
0x0F
0x001F
0xC0
0x0020
0x0F
0x0021
0xC0
0x0022
0x0F
0x0023
0x00
0x0024
0x0E
0x0025
0x23
0x0026
0x02
0x0027
0x24
MIXER
The ADA2200 performs the mixing function by holding the
output samples constant for ½ of the RCLK period. This is
similar to a half-wave rectification function except that the
output does not return to zero for ½ the output period, but
retains the value of the previous sample.
In the default configuration, there are eight output sample periods
during each RCLK cycle. There are four updated output samples
while the RCLK signal is high. While RCLK is low, the fourth
updated sample is held constant for four additional output
sample periods. The timing of the output samples in the default
configuration is shown in Table 4.
The RCLK divider, RCLK DIV[1:0], can be set to divide fSO by 4.
When this mode is selected, four output sample periods occur
during each RCLK cycle. Two output samples occur while the
RCLK signal is high. While RCLK is low, the second updated
sample is held constant for two additional output sample periods.
The mixer can be bypassed. When the mixer is bypassed, the output
produces an updated sample value every output sample period.
NORMALIZED FREQUENCY (Hz/Nyquist)
10
–10
–40
–50
0
0.50
0.75
1.00
–20
–30
0
0.25
Rev. 0 | Page 13 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com