Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 9Page - Analog Devices ADA2200 Datasheet HTML 10Page - Analog Devices ADA2200 Datasheet HTML 11Page - Analog Devices ADA2200 Datasheet HTML 12Page - Analog Devices ADA2200 Datasheet HTML 13Page - Analog Devices ADA2200 Datasheet HTML 14Page - Analog Devices ADA2200 Datasheet HTML 15Page - Analog Devices ADA2200 Datasheet HTML 16Page - Analog Devices ADA2200 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ADA2200
Data Sheet
The output of the mixer (if implemented as a multiplier) is then
½VBVREFcos(ϕB − ϕREF) − ½VBVREFcos(2ωREFt + ϕB + ϕREF)
This signal is a dc signal and an ac signal at twice the reference
frequency. If the LPF is sufficient to remove the ac signal, the
signal at the LPF output (D) is
½VB
VREFcos(ϕB − ϕREF)
The LPF output is a dc signal that is proportional to both the
magnitude and phase of the signal at the BPF output (B). When
the input amplitude is held constant, the LPF output enables can
be used to measure the phase. When the input phase is held
constant, the LPF can be used to measure amplitude.
Note that the reference signal is not required to be a pure sine
wave. The excitation signal and demodulation signal must only
share a common frequency and phase to employ phase sensitive
detection. In some applications, it may be possible to use the
square wave output from the ADA2200 RCLK output directly.
Internal to the ADA2200, the demodulation is performed not
by multiplying the REFCLK signal with the input signal, but by
holding the output constant for ½ the sample output periods.
This operation is similar to a half wave demodulation of the
input signal. For more information on signal detection using
this function, see the Applications Information section.
ADA2200 ARCHITECTURE
The signal path for the ADA2200 consists of a high impedance input
buffer followed by a fixed low-pass filter (FIR decimation filter),
a programmable IIR filter, a mixer function, and a differential pin
driver. Figure 19 shows a detailed block diagram of the ADA2200.
The signal processing blocks are all implemented using a charge
sharing technique.
Figure 19. ADA2200 Architecture
DECIMATION FILTER
The clock signal divider (after CLKIN) determines the input
sampling frequency, fSI, of the decimation filter. The decimation
filter produces one filtered sample for every eight input samples.
Figure 20 shows the wideband frequency response of the
decimation filter. Because the filter operates on sampled data,
images of the filter appear at multiples of the input sample rate,
fSI. The stop band of the decimation filter begins around ½ of the
output data rate, fSO. Because an image pass band exists around
fSI, any undesired signals in the pass band around fSI alias to dc
and are indistinguishable from the low frequency input signal.
To preserve the full dynamic range of the ADA2200, use an
input antialiasing filter if noise at frequencies above 7.5 fSI is not
lower than the noise floor of the frequencies of interest. A first-
order low-pass filter is usually sufficient for the antialiasing filter.
Figure 20. Decimation Filter Frequency Response
Figure 21 shows a more narrow bandwidth view of the
decimation transfer function. The stop band of the decimation
filter starts at ½ of the output sample rate. The stop band rejection
of the decimator low-pass filter is approximately 55 dB. The
pass band of the decimation filter extends to 1/4th of the output
sample rate or 1/32nd of the decimator input sample rate.
Figure 21. Decimation Filter Transfer Function, fSI = 800 kHz
INP
INN
OUTP
OUTN
VOCM
SCLK/SCL
SDIO/SDA
CS/A0
RCLK/SDO
VDD
LPF
8
PROGRAM
FILTER
CLOCK
GEN
CONTROL
REGISTERS
SPI
BOOT FROM
EEPROM (I2C)
VCM
÷2n+1
÷2m
÷8
90°
fSO
fSI
fMOD
XOUT
CLKIN
SYNCO
GND
RST
BOOT
ADA2200
0.5
fSO
fSO
2fSO
7.5fSO
8fSO = fSI
fSI – f fSI + f
8.5fSO
f
FREQUENCY
10
–10
–40
–70
–90
0
fSO/2
3
fSO/4
fSO
–20
–30
–50
–60
0
–80
fSO/4
Rev. 0 | Page 12 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com