Electronic Components Datasheet Search
  English  ▼

X  

ADA2200 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA2200
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA2200 Datasheet HTML 7Page - Analog Devices ADA2200 Datasheet HTML 8Page - Analog Devices ADA2200 Datasheet HTML 9Page - Analog Devices ADA2200 Datasheet HTML 10Page - Analog Devices ADA2200 Datasheet HTML 11Page - Analog Devices ADA2200 Datasheet HTML 12Page - Analog Devices ADA2200 Datasheet HTML 13Page - Analog Devices ADA2200 Datasheet HTML 14Page - Analog Devices ADA2200 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADA2200
Data Sheet
TERMINOLOGY
Cycle Mean
The cycle mean is the average of all the output samples
(OUTP/OUTN) over one RCLK period. In the default
configuration, there are eight output samples per RCLK cycle;
thus, the cycle mean is the average of eight consecutive output
samples. If the device is reconfigured such that the frequency of
RCLK is fSO/4, then the cycle mean is the average of four
consecutive output samples.
Conversion Gain
Conversion gain is calculated as follows:
IN
V
Q
I
Gain
Conversion
2
2
+
=
where:
I is the offset corrected cycle mean, PHASE90 bit = 0.
Q is the offset corrected cycle mean, PHASE90 bit = 1.
VIN is the rms value of the input voltage.
The offset corrected cycle mean = cycle mean − output offset.
Relative Phase (θREL)
Relative phase is the phase difference between the rising
positive zero crossing of a sine wave at the INN/INP inputs
relative to the next rising edge of RCLK.
Figure 14. Example Showing Relative Phase, θREL, of 37°
Phase Delay (°θDELAY)
The phase delay is the relative phase (θREL) that produces a zero
cycle mean output value for a sine wave input with a frequency
equal to fRCLK. The phase delay is the relative phase value that
corresponds to the positive zero crossing of the phase measurement
transfer function.
Phase Measurement Transfer Function
Figure 15 shows the cycle mean value of the output for a
1 V rms input sine wave as θREL is swept from 0° to 360°.
Figure 15. Phase Transfer Function with Phase Delay of 83°, 1 V rms Input
0
50
100
150
200
250
300
350
RCLK
INP/INN
PHASE (Degrees)
RELATIVE
PHASE = 37°
1.2
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
45
90
83°
135
180
225
270
315
360
RELATIVE PHASE (
θREL)
Rev. 0 | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com