Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC3123AI2 Datasheet HTML 1Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 2Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 3Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 4Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 5Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 6Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 7Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 8Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
cLiteTM Capacitive Sensor
Signal Conditioner
ZSSC3123
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 26, 2016
ZSSC3123 cLite™ Capacitive Sensor Signal Conditioner
Digital Core
Analog Core
Sensor
C0
C1
(Optional)
Output
Communication
MUX
C0
CC
C1
VSS
VDD (2.3V to 5.5V)
Temp
Sensor
CLK/Reset
C/A
D
CDC
Ref
Cap
Offset
Cap
SCL/SCLK
SDA/MISO
Ready/PDM_C
Alarm_Low/PDM_T
SS
Alarm_High
Ready
PDM
I
2C / SPI
Low Alarm
High Alarm
EEPROM
ROM
DSP
0.1µF
0.1µF
Vcore
VSUPPLY
(+2.3V to 5.5V)
GND
0.1µF
VDD
Vcore
Ready
VSS
SDA/MISO
SCL/SCLK
C0
SS
Alarm_High
C1
Alarm_Low
cLite™
ZSSC3123
0.1µF
CC
VSUPPLY
(+2.3V to 5.5V)
GND
0.1µF
VDD
Vcore
VSS
C0
CC
cLite™
ZSSC3123
0.1µF
Cap.
Analog
Output
LED
PDM_C
PDM_T
Alarm_High
Temp
Analog
Output
ZSSC3123
Block Diagram
Application: Analog Output
Application: Differential Capacitance Input
Ordering Codes
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.
Sales Code
Description
Package
ZSSC3123AA1B
ZSSC3123 die — Temperature range: -40°C to +125°C
Tested dice on un-sawn wafer
ZSSC3123AI1B
ZSSC3123 die — Temperature range: -40°C to +85°C
Tested dice on un-sawn wafer
ZSSC3123AA1C
ZSSC3123 die — Temperature range: -40°C to +125°C
Tested dice on frame
ZSSC3123AI1C
ZSSC3123 die — Temperature range: -40°C to +85°C
Tested dice on frame
ZSSC3123AA2
ZSSC3123 TSSOP14 — Temperature range: -40°C to +125°C – Lead-free package
Tube: add “T” to code; reel: add “R”
ZSSC3123AI2
ZSSC3123 TSSOP14 — Temperature range: -40°C to +85°C – Lead-free package
Tube: add “T” to code; reel: add “R”
ZSSC3123KIT
ZSSC3123 SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement
Board, USB Cable, 5 IC Samples (software can be downloaded from www.IDT.com/ZSSC3123)
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com