Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 32Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 33Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 34Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 35Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 36Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 37Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 38Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 39Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
36
January 26, 2016
SCLK
MISO
SS
x
x
Ignore Data
Device Slave Address [6:0]
6
S
5 4
2
3
1
W
0
A S
Wait for
Slave ACK
2
Start Condition
Stop Condition
Acknowledge (ACK)
Slave Address Bit
Read/Write bit
(Example: Bit 2)
(Example: Write = 0)
S
A
S
W
I
2C MR– Measurement Request: Slave starts a measurement cycle
Figure 3.12
I
2C™ MR
3.6.5.2.
SPI Measurement Request
The SPI MR is used to wake up the device in Sleep Mode and start a complete measurement cycle starting with a temperature
measurement/temperature DSP calculation, followed by a capacitance measurement / capacitance DSP calculations, and then
the results are written to the digital output register. As shown in Figure 3.13, executing an SPI MR command is a read of 8 bits,
ignoring the data that is returned.
Note: The SPI MR function can also be accomplished by performing a full SPI Data Fetch (see section 3.6.4.2) and ignoring
the invalid data that will be returned.
Figure 3.13
SPI MR
3.6.6
Ready Pin
A rise on the Ready pin indicates that new data is ready to be fetched from either the I
2C™ or SPI interface. The Ready pin
stays high until a Data Fetch (DF) command is sent (see section 3.6.3); it stays high even if additional measurements are
performed before the DF. In Sleep Mode, sending a Measurement Request (MR) command resets the Ready pin.
The Ready pin’s output driver type is selectable as either full push-pull or open drain via the Ready_Open_Drain bit in
EEPROM word Cust_Config (see Table 5.5 for bit assignments and settings). Point-to-point communication most likely uses
the full push-pull driver. If an application requires interfacing to multiple parts, then the open drain option can allow for just one
wire and one pull-up resistor to connect all the parts in a bus format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com