Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2 Datasheet(PDF) 44 Page - Integrated Device Technology

Part # ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Datasheet(HTML) 44 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 40Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 41Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 42Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 43Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 44Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 45Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 46Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 47Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 48Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
44
January 26, 2016
[5:2]
Status
Response
[1:0]
Diagnostics
[5:2]
Status
Response
[1:0]
Slave Address Bit
Command or Data Bit
Status Bits
(Example: Bit 2)
(Example: Bit 2)
(In Command Mode Always 10)
(1) I
2 C DF – Command Status Response – 1 Byte
Wait for
Slave ACK
Master ACK
Master NACK
Device Slave Address [6:0]
2
2
Start Condition
Stop Condition
Acknowledge (ACK)
Not Acknowledge
Read/Write Bit
(NACK)
(Example: Read = 1)
S
A
S
R
N
Device Slave Address [6:0]
EEPROM Data
High Byte [15:8]
EEPROM Data
Low Byte [7:0]
Device Slave Address [6:0]
cLite™ Revision
Data Byte [7:0]
Wait for
Slave ACK
Master ACK
Master ACK
Master NACK
Diagnostics
[5:2]
Status
[7:6]
Response
[1:0]
5
3
4
2
0
1
N S
6 5 4
2
3
1
R
0
A
6
7
S
6
S
5 4
2
3
1
R
0
A
6
5
7
3
4
2
0
1
A
6
5
7
3
4
2
N
1 0
S
[7:6]
(2) I
2 C Get Revision DF – Command Status Response and cLite™ Revision – 2 Bytes
R
6
S
5 4
2
3
1 0
A
6
5
7
3
4
2
0
1
A
14 13
15
11
12
10
A
9 8
6
5
7
3
4
2
S
N
1 0
[7:6]
Diagnostics
(3) I
2 C EEPROM DF – Command Status Response and EEPROM Data Fetch – 3 Bytes
Figure 4.2
Command Mode Data Fetch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com