Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2 Datasheet(PDF) 47 Page - Integrated Device Technology

Part # ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Datasheet(HTML) 47 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 43Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 44Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 45Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 46Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 47Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 48Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 49Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 50Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 51Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
47
January 26, 2016
5.1.1
IDT Configuration Register (ZMDI_Config, EEPROM Word 02HEX)
This register is loaded at power-on reset and upon exiting Command Mode using a Start_NOM command.
Table 5.2
ZMDI_Config Bit Assignments
Bit Range
IC Default
Name
Description and Notes
0
0B
Measurement_Mode
0 = Update Mode
1 = Sleep Mode
2:1
00B
Power_Down_Period
Power Down Period:
†††
00B = 0ms
01B = 5ms
10B = 25ms
11B = 125ms
3
0B
Scale_Sot_Tc
Scales the SOT TC Terms:
0 = Scale x 1
1 = Scale x 2
4
0B
Gain4x_C
Multiply Gain_1 and Gain_2 by
0 = multiply by 1
1 = multiply by 4
7:5
000B
EEPROM_lock
011B = locked
All other = unlocked
When EEPROM is locked, the internal charge pump is
disabled and the EEPROM can no longer be programmed.
Note: If the EEPROM was accidentally locked, see section 5
for instructions for unlocking it.
10:8
011B
Comm_lock
011B = locked
All other = unlocked
When communication is locked, I
2C™ communication will
only respond to its programmed address. Otherwise if
communication is unlocked, I
2C™ will respond to any
address.
†††
All time values shown are typical; for the worst case values, multiply by 1.1 (nominal frequency ±10%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com