Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2 Datasheet(PDF) 34 Page - Integrated Device Technology

Part # ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Datasheet(HTML) 34 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 30Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 31Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 32Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 33Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 34Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 35Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 36Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 37Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 38Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
34
January 26, 2016
Device Slave Address [6:0]
Cap. Data [13:8]
Cap. Data [7:0]
Cap. Data [13:8]
Cap. Data [7:0]
Temp. Data [13:6]
2
Slave Address Bit (Example: Bit 2)
Command or Data Bit (Example: Bit 2)
Status Bit
Start Condition
Stop Condition
Acknowledge (ACK)
Not Acknowledge
Read/Write
(NACK)
(Read = 1)
S
S
R
N
Wait for
Slave ACK
Master ACK
Master ACK
Master NACK
I
2 C DF – 2 Bytes: Slave returns only capacitance data to master in 2 bytes
14 13
11
12
10
8
9
A
6
5
7
3
4
2
N
1 0
S
6
S
5 4
2
3
1
R
0
A 15
6
S
5
2 1
R
0
A
14 13
15
11
12
10
8
9
A
6
5
7
3
4
2
A
1 0
6 5
7
3
4
2
S
N
1 0
3
4
Device Slave Address [6:0]
I
2 C DF – 3 Bytes: Slave returns 2 capacitance data bytes & temperature high byte (T[13:6]) to master
A
2
3.6.4
Data Fetch (DF)
The Data Fetch (DF) command is used to fetch data in any digital output mode. With the start of communication (for I
2C™
after reading the slave address; for SPI at the falling edge of SS) the entire output packet will be loaded in a serial output
register. The register will be updated after the communication is finished. The output is always scaled to 14 bits independent of
the programmed resolution. The ordering of the bits is big-endian.
3.6.4.1.
I
2C™ Data Fetch
An I
2C™ Data Fetch command starts with the 7-bit slave address and the 8th bit = 1 (READ). The ZSSC3123 as the slave
sends an acknowledge (ACK) indicating success. The number of data bytes returned by the ZSSC3123 is determined by when
the master sends the NACK and stop condition. Figure 3.10 shows examples of fetching two and three bytes respectively. The
full 14 bits of capacitive data are fetched in the first two bytes. The MSBs of the first byte are the status bits.
If temperature data is needed, additional temperature bytes can be fetched. In Figure 3.10, the three-byte data fetch returns 1
byte of temperature data (8-bit accuracy) after the capacitive data. A fourth byte can be fetched where the six MSBs of the
fetched byte are the six LSBs of a 14-bit temperature measurement. The last two bits of the fourth byte are undetermined and
should be masked off in the application.
Figure 3.10
I
2C™ Measurement Packet Reads
3.6.4.2.
SPI Data Fetch
By default the SPI interface will have data change after the falling edge of SCLK. The master should sample MISO on the
rising (opposite) edge of SCLK. This is configurable via the SPI_Phase bit in EEPROM word Cust_Config (see Table 5.5 for bit
assignments). The SPI protocol can handle high and low polarity of the clock line without configuration change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com