Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2 Datasheet(PDF) 49 Page - Integrated Device Technology

Part # ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Datasheet(HTML) 49 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 45Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 46Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 47Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 48Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 49Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 50Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 51Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 52Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
49
January 26, 2016
Bit Range
IC Default
Name
Description and Notes
14
0B
Differential
Differential input capacitance selection:
0 = Single-ended
1 = Differential
15
0B
Not Available
Do Not Change – must leave at factory settings
5.1.3
Temperature Analog Front End Configuration (T_Config, EEPROM Word 11HEX)
This register is loaded immediately before a capacitance measurement is taken, so a power cycle is not needed for changes to
take effect.
Table 5.4
T_Config Bit Assignments
Bit Range
IC Default
Name
Description and Notes
2:0
010B
CDC_Reference
CDC reference capacitor selection. The factory settings
are set for a full span temperature range from -40°C to
+125°C.
Note: Do not change this setting from the factory setting
unless a different temperature range is needed.
5:3
010B
CDC_Offset
CDC offset capacitor selection. The factory settings are
set for a full span temperature range from -40°C to
+125°C.
Note: Do not change this setting from the factory setting
unless a different temperature range is needed.
8:6
110B
Temp_Trim
Trim setting used for the temperature measurement. The
factory settings are set for a full span temperature range
from -40°C to +125°C.
Note: Do not change this setting from the factory setting
unless a different temperature range is needed.
9
0B
Not Available
Do Not Change – must leave at factory settings
11:10
11B
Resolution
Temperature resolution and sample rate:
§§§
00B = 8 bits at 0.7 ms rate
01B = 10 bits at 1.6 ms rate
10B = 12 bits at 5.0 ms rate
11B = 14 bits at 18.5 ms rate
15:12
1000B
Not Available
Do Not Change – must leave at factory settings
§§§
All time values shown are typical; for the worst case values, multiply by 1.1 (nominal frequency ±10%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com