Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 17Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 18Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 19Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 20Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 21Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 22Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 23Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 24Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 26, 2016
2.3
Digital Core
The digital core provides control logic for the analog front-end, performs input signal conditioning, and handles external
communication. A digital signal processor (DSP) is used for conditioning and correcting the converted sensor and temperature
inputs. The DSP can correct for up to a two-region piece-wise non-linear sensor input, and up to a second order non-linear
temperature input. Alternatively a third-order correction of the sensor input for one region and up to a second-order non-linear
temperature input can be selected. Refer to section 6 for details on the signal conditioning and correction math. The analog
front-end configuration and correction coefficients for both the capacitive sensor and the temperature sensor are stored in an
on-chip EEPROM (see section 5).
Four different types of outputs are available: I
2C™, SPI, PDM, and the Alarms. These output modes are used in combination
with the two measurement modes: Update Mode and Sleep Mode. For a full description of normal operation in each mode,
refer to section 3.
The ZSSC3123 has an internal 1.85 MHz temperature-compensated oscillator that provides the time base for all operations.
When VDD exceeds the POR level, the reset signal de-asserts and the clock generator starts. See section 3.1 for the
subsequent power-up sequence. The exact clock frequency influences the measurement cycle time (see the frequency
variation spec in section 1.3). To minimize the oscillator error as the VDD voltage changes, an on-chip regulator supplies the
oscillator block.
3
Normal Operation Mode
Figure 3.1 gives a general overview of ZSSC3123 operation. Details of operation, including the power-up sequence,
measurement modes, output modes, diagnostics, and commands, are given in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com