Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2 Datasheet(PDF) 52 Page - Integrated Device Technology

Part # ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Datasheet(HTML) 52 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 48Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 49Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 50Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 51Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 52Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 53Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 54Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 55Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 56Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
52
January 26, 2016
)
_
(
1
)
_
(
_
1
tcg
SOT
T
Tcg
T
tco
SOT
T
Tco
T
OFFSET
C
Raw
Raw
∗
∆
+
∗
∆
+
∗
∆
+
∗
∆
+
+
=
1
2
1
3
1
*
1
_
)
*
1
_
(
*
1
_
)
*
1
_
(
*
1
_
Raw
Gain
Raw
Gain
SOT
Raw
Gain
TOT
Out
+
+
=
Or alternatively
Non-linear sensor input up to third-order correction
(21)
(22)
Where:
Symbol
Description
Raw_C
Raw sensor reading.
RawTC
Temperature corrected raw value.
Raw1
Raw value to be used for region 1 correction.
Raw2
Raw value used for region 2 correction.
Raw_Break
Raw value at which the transition from region 1 to region 2 occurs.
Offset
Offset correction for sensor applied at 50% full scale input.
Gain_1
Gain correction for sensor applied to region 1.
SOT_1
Second-order correction for sensor region 1.
Gain_2
Gain correction for sensor applied to region 2 – not used if only 1
region is used.
SOT_2
alternatively
TOT_1
Second-order correction for sensor region 2 – not used if only 1
region is used.
Used as third-order term TOT_1 for third-order correction.
Tco
Correction for offset drift due to temperature.
Tcg
Correction for sensitivity (gain) change due to temperature.
SOT_tco
Second-order correction for offset drift due to temperature.
SOT_tcg
Second-order correction for sensitivity change due to temperature.
TREF
Raw temperature reading used as a reference temperature for the
removal of all TC components.
∆T
Difference between current raw temperature and the reference
temperature.
OUT
Corrected capacitance output value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com