Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2 Datasheet(PDF) 53 Page - Integrated Device Technology

Part # ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Datasheet(HTML) 53 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 49Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 50Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 51Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 52Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 53Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 54Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 55Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 56Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 57Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
53
January 26, 2016
T
Offset
T
Raw
T
Gain
T
Raw
T
SOT
T
_
_
*
_
)
_
(
*
_
2
+
+
=
6.2
Temperature Signal Compensation
Temperature is measured internally. Temperature correction contains both linear gain and offset terms as well as a second-
order term to correct for any nonlinearity.
Note: The following equation is only meant to show the general form and capabilities of the internal ZSSC3123 temperature
signal conditioning.
(23)
Where:
Symbol
Range
Description
Raw_T
[0,16383]
Raw temperature reading
Gain_T
[-32768,32767]
Gain correction for internal temperature
Offset_T
[-32768,32767]
Offset correction for internal temperature
SOT_T
[-32768,32767]
Second-order correction for internal temperature
T
[-32768,32767]
Corrected temperature output value
6.3
Limits on Coefficient Ranges
There are range limits on some of the calibration coefficients that will be enforced by the calibration routine provided by IDT.
These limits ensure the integrity of the internal calculations and would only limit the most extreme cases of sensor correction.
Note: For Alarm-only applications, it is critical that the coefficient verification feature of the calibration routine is used since
diagnostics are not reported for the Alarms (see section 3.4 for more details)
Table 6.1 shows the limits for correction for the grade of temperature dependency and 2
nd nonlinearity of this dependency
Table 6.1
Limits on Coefficient Ranges
Coefficient
Correction
Condition
TCO
6060 PPM/K
SOT_TCO
74 PPM/K
2
TCG
12120 PPM/K
Based on raw temperature values
SOT_TCG
147 PPM/K
2
Based on raw temperature values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com