Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # ZSSC3123AI2
Description  Capacitive Sensor Signal Conditioner
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3123AI2 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button ZSSC3123AI2 Datasheet HTML 31Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 32Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 33Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 34Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 35Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 36Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 37Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 38Page - Integrated Device Technology ZSSC3123AI2 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
ZSSC3123 Datasheet
© 2016 Integrated Device Technology, Inc.
35
January 26, 2016
HiZ
S1
S0
C13
C12
C7
C6
C0
T13
T12
T1
T0
HiZ
…
…
…
…
…
…
SCLK
MISO
SS
x
As seen in Figure 3.11 the entire output packet is 4 bytes (32 bits). The high capacitive data byte comes first, followed by the
low byte. Then 14 bits of corrected temperature (T[13:0]) are sent: first the T[13:6] byte and then the {T[5:0],xx} byte. The last
2 bits of the final byte are undetermined and should be masked off in the application. If the user only requires the corrected
capacitance value, the read can be terminated after the 2
nd byte. If the corrected temperature is also required but only at an 8-
bit resolution, the read can be terminated after the 3
rd byte is read.
Figure 3.11
SPI Output Packet with Positive Edge Sampling
Packet = [ {S(1:0),C(13:8)}, {C(7:0)}, {T(13:6)},{T(5:0),xx}] Where
S(1:0) = Status bits of packet (normal, command, busy, diagnostic)
C(13:8) = Upper 6 bits of 14-bit capacitance data.
C(7:0) = Lower 8 bits of 14-bit capacitance data.
T(13:6) = Corrected temperature data (if application does not require corrected temperature, terminate read early)
T(5:0),xx =. Remaining bits of corrected temperature data for full 14-bit resolution
HiZ = High impedance
3.6.5
Measurement Request (MR)
A measurement request (MR) is a Sleep-Mode-only command sent by the master to wake up the ZSSC3123 and start a new
measurement cycle in both I
2C™ and SPI modes. See section 3.3.2 for more information on Sleep Mode.
3.6.5.1.
I
2C™ Measurement Request
The I
2C™ MR is used to wake up the device in Sleep Mode and start a complete measurement cycle starting with a
temperature measurement, followed by a capacitance measurement, followed by the DSP calculations, and then the results
are written to the digital output register. As shown in Figure 3.12, the communication contains only the slave address and the
WRITE bit (0) sent by the master. After the ZSSC3123 responds with the slave ACK, the master creates a stop condition.
Note: The I
2C™ MR function can also be accomplished by sending “don’t care” data after the address instead of immediately
sending a stop bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com