Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 33Page - Texas Instruments TMS320VC5501 Datasheet HTML 34Page - Texas Instruments TMS320VC5501 Datasheet HTML 35Page - Texas Instruments TMS320VC5501 Datasheet HTML 36Page - Texas Instruments TMS320VC5501 Datasheet HTML 37Page - Texas Instruments TMS320VC5501 Datasheet HTML 38Page - Texas Instruments TMS320VC5501 Datasheet HTML 39Page - Texas Instruments TMS320VC5501 Datasheet HTML 40Page - Texas Instruments TMS320VC5501 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 193 page
background image
Introduction
37
December 2002 − Revised November 2004
SPRS206H
Table 2−4. Signal Descriptions (Continued)
Pin
Name
Function
Other‡
Pin
Type†
Multiplexed
Signal Name
Test Pins (Continued)
EMU0
I/O/Z
J
Emulator 0 pin. When TRST is driven low, EMU0 must be high for activation of the OFF
condition. When TRST is driven high, EMU0 is used as an interrupt to or from the emulator
system and is defined as I/O by way of the IEEE standard 1149.1 scan system.
The EMU0 and EMU1/OFF pins must be pulled up when an emulator is not connected.
Internal pullups have been included for this purpose. If the user chooses to disable these
pins through the XBCR, external pullup resistors must be added to these two pins.
EMU1/OFF
I/O/Z
J
Emulator 1 pin/disable all outputs. When TRST is driven high, EMU1/OFF is used as
an interrupt to or from the emulator system and is defined as I/O by way of IEEE standard
1149.1 scan system. When TRST is driven low, EMU1/OFF is configured as OFF. The
EMU1/OFF signal, when active (low), puts all output drivers into the high-impedance
state. Note that OFF is used exclusively for testing and emulation purposes (not for
multiprocessing applications). Therefore, for the OFF condition, the following apply:
TRST = low,
EMU0 = high,
EMU1/OFF = low
The EMU0 and EMU1/OFF pins must be pulled up when an emulator is not connected.
Internal pullups have been included for this purpose. If the user chooses to disable these
pins through the XBCR, external pullup resistors must be added to these two pins.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com