Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 43Page - Texas Instruments TMS320VC5501 Datasheet HTML 44Page - Texas Instruments TMS320VC5501 Datasheet HTML 45Page - Texas Instruments TMS320VC5501 Datasheet HTML 46Page - Texas Instruments TMS320VC5501 Datasheet HTML 47Page - Texas Instruments TMS320VC5501 Datasheet HTML 48Page - Texas Instruments TMS320VC5501 Datasheet HTML 49Page - Texas Instruments TMS320VC5501 Datasheet HTML 50Page - Texas Instruments TMS320VC5501 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 193 page
background image
Functional Overview
47
December 2002 − Revised November 2004
SPRS206H
Table 3−6. External Bus Selection Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−4
R
000000000000
Reserved
Reserved
3
R/W
0
Reserved. This reserved bit must be kept as zero during any writes
to XBSR.
Reserved
2
R/W
0
Reserved. This reserved bit must be kept as zero during any writes
to XBSR.
Reserved
1
R
0
Reserved
Parallel/Host Port
Mux Mode
0
R/W
GPIO6
Parllel/Host Port Mux Mode bit. Determines the mode of the Parallel
Port Mux and the Host Port Mux.
• Parallel/Host Port Mux Mode = 0:
The Parallel Port Mux is configured to support PGPIO. In this
mode, the HPI and EMIF cannot be used.
The Host Port Mux is configured to support PGPIO. In this mode,
the Host Port Mux pins will be routed to PGPIO.
• Parallel/Host Port Mux Mode = 1:
The Parallel Port Mux is configured to support the 32-bit EMIF. In
this mode, the EMIF is enabled and its 20 address, 32 data, and
16 control signals are routed to their corresponding pins on the
Parallel Port Mux.
The Host Port Mux is configured to support the HPI in 8-bit
(multiplexed) mode. In this mode, the HPI is enabled and its eight
data/address and two control signals are routed to their
corresponding pins on the Host Port Mux.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com