Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 15Page - Texas Instruments TMS320VC5501 Datasheet HTML 16Page - Texas Instruments TMS320VC5501 Datasheet HTML 17Page - Texas Instruments TMS320VC5501 Datasheet HTML 18Page - Texas Instruments TMS320VC5501 Datasheet HTML 19Page - Texas Instruments TMS320VC5501 Datasheet HTML 20Page - Texas Instruments TMS320VC5501 Datasheet HTML 21Page - Texas Instruments TMS320VC5501 Datasheet HTML 22Page - Texas Instruments TMS320VC5501 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 193 page
background image
Introduction
19
December 2002 − Revised November 2004
SPRS206H
2.2.2 Low-Profile Quad Flatpack (PGF)
The TMS320VC5501 is offered in a 176-pin low-profile quad flatpack (LQFP). Figure 2−2 illustrates the pin
locations for the 176-pin LQFP. Table 2−3 lists the signal names and pin numbers.
NOTE:
TMS320VC5501PGF has completed Temp Cycle reliability qualification testing with no
failures through 1500 cycles of −55
°C to 125°C following an EIA/JEDEC Moisture Sensitivity
Level 4 pre-condition at 220+5/−0
°C peak reflow. Exceeding this peak reflow temperature
condition or storage and handling requirements may result in either immediate device failure
post-reflow, due to package/die material delamination (“popcorning”), or degraded Temp cycle
life performance.
Please note that Texas Instruments (TI) also provides MSL, peak reflow and floor life
information on a bar-code label affixed to dry-pack shipping bags. Shelf life, temperature and
humidity storage conditions and re-bake instructions are prominently displayed on a nearby
screen-printed label.
89
88
45
44
132
133
176
1
Figure 2−2. 176-Pin PGF Low-Profile Quad Flatpack (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com