Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 16Page - Texas Instruments TMS320VC5501 Datasheet HTML 17Page - Texas Instruments TMS320VC5501 Datasheet HTML 18Page - Texas Instruments TMS320VC5501 Datasheet HTML 19Page - Texas Instruments TMS320VC5501 Datasheet HTML 20Page - Texas Instruments TMS320VC5501 Datasheet HTML 21Page - Texas Instruments TMS320VC5501 Datasheet HTML 22Page - Texas Instruments TMS320VC5501 Datasheet HTML 23Page - Texas Instruments TMS320VC5501 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 193 page
background image
Introduction
20
December 2002 − Revised November 2004
SPRS206H
Table 2−3. 176-Pin PGF Low-Profile Quad Flatpack
Pin Assignments†‡
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
1
GPIO6
45
HCNTL1
89
A19
133
D16
2
GPIO4
46
HCNTL0
90
A18
134
D15
3
GPIO2
47
VSS
91
VSS
135
D14
4
GPIO1
48
HR/W
92
A17
136
D13
5
GPIO0
49
HDS2
93
A16
137
D12
6
TIM1
50
CVDD
94
DVDD
138
D11
7
TIM0
51
HDS1
95
A15
139
D10
8
INT0
52
HRDY
96
A14
140
D9
9
CVDD
53
DVDD
97
VSS
141
DVDD
10
INT1
54
CLKOUT
98
A13
142
D8
11
INT2
55
XF
99
A12
143
D7
12
DVDD
56
VSS
100
CVDD
144
VSS
13
INT3
57
C15
101
A11
145
D6
14
NMI/WDTOUT
58
C14
102
A10
146
D5
15
IACK
59
HINT
103
A9
147
D4
16
VSS
60
PVDD
104
A8
148
CVDD
17
CLKR0
61
NC
105
DVDD
149
D3
18
DR0
62
X1
106
A7
150
D2
19
FSR0
63
X2/CLKIN
107
A6
151
D1
20
CLKX0
64
EMIFCLKS
108
A5
152
D0
21
CVDD
65
VSS
109
VSS
153
VSS
22
DX0
66
C13
110
A4
154
EMU1/OFF
23
FSX0
67
C12
111
A3
155
EMU0
24
CLKR1
68
C11
112
A2
156
TDO
25
DR1
69
C10
113
CVDD
157
VSS
26
FSR1
70
C9
114
D31
158
TDI
27
DX1
71
C8
115
D30
159
TRST
28
CLKX1
72
C7
116
D29
160
TCK
29
VSS
73
VSS
117
VSS
161
TMS
30
FSX1
74
ECLKIN
118
D28
162
RESET
31
TEST§
75
ECLKOUT2
119
D27
163
HPIENA
32
NC
76
ECLKOUT1
120
D26
164
HD7
33
CVDD
77
CVDD
121
CVDD
165
CVDD
34
RX
78
C6
122
D25
166
HD6
35
GPIO5
79
C5
123
D24
167
HD5
36
DVDD
80
DVDD
124
DVDD
168
DVDD
37
TX
81
C4
125
D23
169
HD4
38
GPIO3
82
C3
126
D22
170
HD3
39
VSS
83
VSS
127
D21
171
CVDD
40
SCL
84
C2
128
D20
172
HD2
41
SDA
85
C1
129
D19
173
HD1
42
HC1
86
C0
130
VSS
174
VSS
43
HC0
87
A21
131
D18
175
HD0
44
HCS
88
A20
132
D17
176
GPIO7¶
† CVDD is core VDD, DVDD is I/O VDD, and PVDD is PLL VDD.
‡ NC indicates “no connect”.
§ The TEST pin is reserved for internal testing. It should be left unconnected.
¶ The GPIO7 pin must be low at the rising edge of the reset signal for the device to operate properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com