Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 37Page - Texas Instruments TMS320VC5501 Datasheet HTML 38Page - Texas Instruments TMS320VC5501 Datasheet HTML 39Page - Texas Instruments TMS320VC5501 Datasheet HTML 40Page - Texas Instruments TMS320VC5501 Datasheet HTML 41Page - Texas Instruments TMS320VC5501 Datasheet HTML 42Page - Texas Instruments TMS320VC5501 Datasheet HTML 43Page - Texas Instruments TMS320VC5501 Datasheet HTML 44Page - Texas Instruments TMS320VC5501 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 193 page
background image
Functional Overview
41
December 2002 − Revised November 2004
SPRS206H
3.1.4 Memory Map
000000h
DARAM0
(8K Bytes)
004000h
008000h
(4M minus 64K Bytes†§)
010000h
DARAM1
(8K Bytes)
DARAM2
(8K Bytes)
DARAM3
(8K Bytes)
External CE0 Space
(4M Bytes§)
External CE1 Space
(4M Bytes§)
External CE2 Space
(4M Bytes Minus 32K Bytes‡§)
External CE3 Space
ROM
(32K Bytes)
FF8000h
C00000h
800000h
400000h
000000h
004000h
008000h
010000h
(4M Bytes§)
External CE1 Space
(4M Bytes§)
External CE2 Space
(4M Bytes§)
External CE3 Space
C00000h
800000h
400000h
MPNMC = 0
MPNMC = 1
(4M minus 64K Bytes†§)
External CE0 Space
Reserved
002000h
006000h
DARAM0
(8K Bytes)
DARAM1
(8K Bytes)
DARAM2
(8K Bytes)
DARAM3
(8K Bytes)
Reserved
002000h
006000h
† The lower 64K bytes in CE0 Space include 32K bytes of DARAM space and 32K bytes of reserved space.
‡ The 32K bytes are for on-chip ROM block.
§ The CE space size shown in the figure represents the maximum addressable memory space for a 32-bit EMIF configuration. The maximum
addressable memory space per CE is reduced when 16- or 8-bit EMIF configurations are used for asynchronous and SBSRAM memory types.
For more detailed information, refer to TMS320VC5501/5502 DSP External Memory Inteface (EMIF) Reference Guide (literature number
SPRU621).
Byte Address
Byte Address
Figure 3−2. TMS320VC5501 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com