Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 57Page - Texas Instruments TMS320VC5501 Datasheet HTML 58Page - Texas Instruments TMS320VC5501 Datasheet HTML 59Page - Texas Instruments TMS320VC5501 Datasheet HTML 60Page - Texas Instruments TMS320VC5501 Datasheet HTML 61Page - Texas Instruments TMS320VC5501 Datasheet HTML 62Page - Texas Instruments TMS320VC5501 Datasheet HTML 63Page - Texas Instruments TMS320VC5501 Datasheet HTML 64Page - Texas Instruments TMS320VC5501 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 193 page
background image
Functional Overview
61
December 2002 − Revised November 2004
SPRS206H
3.9.1 Input Clock Source
The clock input to the 5501 can be sourced from either an externally generated 3.3-V clock input on the
X2/CLKIN pin, or from the on-chip oscillator if an external crystal circuit is attached to the device as shown
in Figure 3−13. The CLKMD0 bit of the Clock Mode Control Register (CLKMD) determines which clock, either
OSCOUT or X2/CLKIN, is used as an input clock source to the DSP. If GPIO4 is low at reset, the CLKMD0
bit of the Clock Mode Control Register (CLKMD) will be set to ‘0’ and the internal oscillator and the external
crystal will generate the input clock to the DSP. If GPIO4 is high, the CLKMD0 bit will be set to ‘1’ and the input
clock will be taken directly from the X2/CLKIN pin.
The input clock source to the DSP can be directly used to generate the clocks to other parts of the system
(Bypass Mode) or it can be multiplied by a value from 2 to 15 and divided by a value from 1 to 32 to achieve
a desired frequency (PLL Mode). The PLLEN bit of the PLL Control/Status Register (PLLCSR) is used to select
between the PLL and bypass modes of the clock generator.
The clock generated through either the PLL Mode or the Bypass Mode can be further divided down to generate
a clock source for other parts of the system, or Clock Groups. Clock groups allow for lower power and
performance optimization since the frequency of groups with no high-speed requirements can be set to
one-fourth or one-half the frequency of other groups. A description of the different clock groups included in
the 5501 and the procedure for changing the operating frequency for those clock groups are described later
in this section.
3.9.1.1
Internal System Oscillator With External Crystal
The 5501 includes an internal oscillator which can be used in conjunction with an external crystal to generate
the input clock to the DSP. The oscillator requires an external crystal connected across the X1 and X2/CLKIN
pins. If the internal oscillator is not used, an external clock source must be applied to the X2/CLKIN pin and
the X1 pin should be left unconnected. Since the internal oscillator can be used as a clock source to the PLL,
the crystal oscillation frequency can be multiplied to generate the input clock to the different clock groups of
the DSP.
The crystal should be in fundamental-mode operation, and parallel resonant, with a maximum effective series
resistance (ESR) as specified in Table 3−9. The connection of the required circuit is shown in Figure 3−13.
Under some conditions, all the components shown are not required. The capacitors, C1 and C2, should be
chosen such that the equation below is satisfied. CL in the equation is the load specified for the crystal that
is also specified in Table 3−9.
C
L
+
C
1C2
(C
1
) C
2)
X2/CLKIN
X1
C1
C2
Crystal
RS
Figure 3−13. Internal System Oscillator With External Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com