Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 85Page - Texas Instruments TMS320VC5501 Datasheet HTML 86Page - Texas Instruments TMS320VC5501 Datasheet HTML 87Page - Texas Instruments TMS320VC5501 Datasheet HTML 88Page - Texas Instruments TMS320VC5501 Datasheet HTML 89Page - Texas Instruments TMS320VC5501 Datasheet HTML 90Page - Texas Instruments TMS320VC5501 Datasheet HTML 91Page - Texas Instruments TMS320VC5501 Datasheet HTML 92Page - Texas Instruments TMS320VC5501 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 193 page
background image
Functional Overview
89
December 2002 − Revised November 2004
SPRS206H
Table 3−29. Peripheral IDLE Control Register Bit Field Description (Continued)
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
URT
8†
R/W
0
UART bit
URT = 0:
UART remains active when ISTR.PERIS = 1 and
the IDLE instruction is executed.
URT = 1:
UART is disabled when ISTR.PERIS = 1 and the IDLE
instruction is executed.
I2C
7†
R/W
0
I2C bit
I2C = 0:
I2C remains active when ISTR.PERIS = 1 and
the IDLE instruction is executed.
I2C = 1:
I2C is disabled when ISTR.PERIS = 1 and the IDLE
instruction is executed.
ID
6†
R/W
0
ID bit
ID = 0:
ID remains active when ISTR.PERIS = 1 and the
IDLE instruction is executed.
ID = 1:
ID is disabled when ISTR.PERIS = 1 and the IDLE
instruction is executed.
IO
5†
R/W
0
IO bit
IO = 0:
GPIO remains active when ISTR.PERIS = 1 and
the IDLE instruction is executed.
IO = 1:
GPIO is disabled when ISTR.PERIS = 1 and the IDLE
instruction is executed.
Reserved
4
R/W
0
Reserved
SP1
3†
R/W
0
McBSP1 bit
SP1 = 0:
McBSP1 remains active when ISTR.PERIS = 1
and the IDLE instruction is executed.
SP1 = 1:
McBSP1 is disabled when ISTR.PERIS = 1 and the
IDLE instruction is executed.
SP0
2†
R/W
0
McBSP0 bit
SP0 = 0:
McBSP0 remains active when ISTR.PERIS = 1
and the IDLE instruction is executed.
SP0 = 1:
McBSP0 is disabled when ISTR.PERIS = 1 and the
IDLE instruction is executed.
TIM1
1†
R/W
0
TIMER1 bit
TIM1 = 0:
TIMER1 remains active when ISTR.PERIS = 1
and the IDLE instruction is executed.
TIM1 = 1:
TIMER1 is disabled when ISTR.PERIS = 1 and the
IDLE instruction is executed.
TIM0
0†
R/W
0
TIMER0 bit
TIM0 = 0:
TIMER0 remains active when ISTR.PERIS = 1
and the IDLE instruction is executed.
TIM0 = 1:
TIMER0 is disabled when ISTR.PERIS = 1 and the
IDLE instruction is executed.
† If the peripheral is already in IDLE, setting PERIS (bit 3 of ISTR) to 0 and executing the IDLE instruction will wake up all peripherals, and PICR
bit settings will be ignored. If PERIS = 1, executing the IDLE instruction will wake up the peripheral if the PICR bit is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com