Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 11Page - Texas Instruments TMS320VC5501 Datasheet HTML 12Page - Texas Instruments TMS320VC5501 Datasheet HTML 13Page - Texas Instruments TMS320VC5501 Datasheet HTML 14Page - Texas Instruments TMS320VC5501 Datasheet HTML 15Page - Texas Instruments TMS320VC5501 Datasheet HTML 16Page - Texas Instruments TMS320VC5501 Datasheet HTML 17Page - Texas Instruments TMS320VC5501 Datasheet HTML 18Page - Texas Instruments TMS320VC5501 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 193 page
background image
Features
15
December 2002 − Revised November 2004
SPRS206H
1
TMS320VC5501 Features
D High-Performance, Low-Power, Fixed-Point
TMS320C55x
 Digital Signal
Processor (DSP)
− 3.33-ns Instruction Cycle Time for
300-MHz Clock Rate
− 16K-Byte Instruction Cache (I-Cache)
− One/Two Instructions Executed per Cycle
− Dual Multipliers [Up to 600 Million
Multiply-Accumulates Per Second
(MMACS)]
− Two Arithmetic/Logic Units (ALUs)
− One Program Bus, Three Internal
Data/Operand Read Buses, and Two
Internal Data/Operand Write Buses
D Instruction Cache (16K Bytes)
D 16K x 16-Bit On-Chip RAM That is
Composed of Four Blocks of 4K
× 16-Bit
Dual-Access RAM (DARAM) (32K Bytes)
D 16K × 16-Bit One-Wait-State On-Chip ROM
(32K Bytes)
D 8M × 16-Bit Maximum Addressable External
Memory Space
D 32-Bit External Parallel Bus Memory
Supporting External Memory Interface
(EMIF) With General-Purpose Input/Output
(GPIO) Capabilities and Glueless Interface
to:
− Asynchronous Static RAM (SRAM)
− Asynchronous EPROM
− Synchronous DRAM (SDRAM)
− Synchronous Burst RAM (SBRAM)
D Emulation/Debug Trace Capability Saves
Last 16 Program Counter (PC)
Discontinuities and Last 32 PC Values
D Programmable Low-Power Control of Six
Device Functional Domains
D On-Chip Peripherals
− Six-Channel Direct Memory Access
(DMA) Controller
− Two Multichannel Buffered Serial Ports
(McBSPs)
− Programmable Analog Phase-Locked
Loop (APLL) Clock Generator
− General-Purpose I/O (GPIO) Pins and a
Dedicated Output Pin (XF)
− 8-Bit Parallel Host-Port Interface (HPI)
− Four Timers
− Two 64-Bit General-Purpose Timers
− 64-Bit Programmable Watchdog Timer
− 64-Bit DSP/BIOS
 Counter
− Inter-Integrated Circuit (I2C) Interface
− Universal Asynchronous Receiver/
Transmitter (UART)
D On-Chip Scan-Based Emulation Logic
D IEEE Std 1149.1† (JTAG) Boundary Scan
Logic
D Packages:
− 176-Terminal LQFP (Low-Profile Quad
Flatpack) (PGF Suffix)
− 201-Terminal MicroStar BGA
 (Ball Grid
Array) (GZZ and ZZZ Suffixes)
D 3.3-V I/O Supply Voltage
D 1.26-V Core Supply Voltage
TMS320C55x, DSP/BIOS, and MicroStar BGA are trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com