Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 58Page - Texas Instruments TMS320VC5501 Datasheet HTML 59Page - Texas Instruments TMS320VC5501 Datasheet HTML 60Page - Texas Instruments TMS320VC5501 Datasheet HTML 61Page - Texas Instruments TMS320VC5501 Datasheet HTML 62Page - Texas Instruments TMS320VC5501 Datasheet HTML 63Page - Texas Instruments TMS320VC5501 Datasheet HTML 64Page - Texas Instruments TMS320VC5501 Datasheet HTML 65Page - Texas Instruments TMS320VC5501 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 193 page
background image
Functional Overview
62
December 2002 − Revised November 2004
SPRS206H
Table 3−9. Recommended Crystal Parameters
FREQUENCY RANGE (MHz)
MAXIMUM ESR
SPECIFICATIONS (
Ω)
CLOAD (pF)
MAXIMUM
CSHUNT (pF)
RS (kΩ)
20−15
40
10
7
0
15−12
40
16
7
0
12−10
40
16
7
2.8
10−8
60
18
7
2.2
8−6
60
18
7
8.8
6−5
80
18
7
14
The recommended ESR is presented as a maximum, and theoretically, a crystal with a lower maximum ESR
might seem to meet these specifications. However, it is recommended that crystals with actual maximum ESR
specifications as shown in Table 3−9 be used since this will result in maximum crystal performance reliability.
The internal oscillator can be set to power-down mode through the use of the OSCPWRDN bit in the PLL
Control/Status Register (PLLCSR). If the internal oscillator and the external crystal are generating the input
clock for the DSP (CLKMD0 = 0), the internal oscillator will be set to power-down mode when the OSCPWRDN
bit is set to 1 and the clock generator is set to its idle mode (CLKIS bit of the IDLE Status Register (ISTR)
becomes 1). If the X2/CLKIN pin is supplying the input clock to the DSP (CLKMD0 = 1), the internal oscillator
will be set to power-down immediately after the OSCPWRDN bit is set to 1.
The 5501 has internal circuitry that will count down a predetermined number of clock cycles (41,032 reference
clock cycles) to allow the oscillator input to become stable after waking up from power-down state or after
reset. If a reset is asserted, program flow will start after all stabilization periods have expired; this includes the
oscillator stabilization period only if GPIO4 is low at reset. If the oscillator is coming out of power-down mode,
program flow will start immediately after the oscillator stabilization period has completed. See Section 3.9.6,
Reset Sequence, for more details on program flow after reset or after oscillator power-down. See
Section 3.10, Idle Control, for more information on the oscillator power-down mode.
3.9.1.2
Clock Generation With PLL Disabled (Bypass Mode, Default)
After reset, the PLL multiplier (M1) and its divider (D0) will be bypassed by default and the input clock to point C
in Figure 3−14 will be taken from, depending on the state of the GPIO4 pin after reset, either the internal
oscillator or the X2/CLKIN pin. The PLL can be taken out of bypass mode as described in Section 3.9.4.1,
C55x Subsystem Clock Group.
3.9.1.3
Clock Generation With PLL Enabled (PLL Mode)
When not in bypass mode, the frequency of the input clock can be divided down by a programmable
divider (D0) by any factor from 1 to 32. The output clock of the divider can be multiplied by any factor from 2
to 15 through a programmable multiplier (M1). The divider factor can be set through the PLLDIV0 bit of the
PLL Divider 0 Register. The multiplier factor can be set through the PLLM bits of the PLL Multiplier Control
Register.
There is a specific minimum and maximum reference clock (PLLREF) and output clock (PLLOUT) for the block
labeled “PLL” in Figure 3−12, as well as for the C55x Core clock (CLKOUT3), the Fast Peripherals clock
(SYSCLK1), the Slow Peripherals clock (SYSCLK2), and the EMIF internal clock (SYSCLK3). The clock
generator must not be configured to exceed any of these constraints (certain combinations of external clock
input, internal dividers, and PLL multiply ratios might not be supported). See Table 3−10 for the PLL clock input
and output frequency ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com