Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 95Page - Texas Instruments TMS320VC5501 Datasheet HTML 96Page - Texas Instruments TMS320VC5501 Datasheet HTML 97Page - Texas Instruments TMS320VC5501 Datasheet HTML 98Page - Texas Instruments TMS320VC5501 Datasheet HTML 99Page - Texas Instruments TMS320VC5501 Datasheet HTML 100Page - Texas Instruments TMS320VC5501 Datasheet HTML 101Page - Texas Instruments TMS320VC5501 Datasheet HTML 102Page - Texas Instruments TMS320VC5501 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 193 page
background image
Functional Overview
99
December 2002 − Revised November 2004
SPRS206H
3.11.2.7
Parallel GPIO Enable Register 2 (PGPIOEN2)
15
14
13
12
11
10
9
8
Reserved
IO45EN
IO44EN
IO43EN
IO42EN
IO41EN
IO40EN
R/W, 00
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
76
54
32
10
IO39EN
IO38EN
IO37EN
IO36EN
IO35EN
IO34EN
IO33EN
IO32EN
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−40. Parallel GPIO Enable Register 2 Layout (0x4406)
Table 3−42. Parallel GPIO Enable Register 2 Bit Field Description†
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−14
R/W
00
Reserved
IOxEN
13−0
R/W
00000000000000
Enable or disable GPIO function of the corresponding I/O pins.
See Table 3−35, TMS320VC5501 PGPIO Cross-Reference.
IOxEN = 0:
GPIO function of corresponding signal is
disabled, i.e., the pin goes into a high-impedance
state.
IOxEN = 1:
GPIO function of corresponding signal is
enabled, i.e., the signal supports its GPIO function.
† x = value from 32 to 45
3.11.2.8
Parallel GPIO Direction Register 2 (PGPIODIR2)
15
14
13
12
11
10
9
8
Reserved
IO45DIR
IO44DIR
IO43DIR
IO42DIR
IO41DIR
IO40DIR
R/W, 00
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
76
54
32
10
IO39DIR
IO38DIR
IO37DIR
IO36DIR
IO35DIR
IO34DIR
IO33DIR
IO32DIR
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−41. Parallel GPIO Direction Register 2 Layout (0x4407)
Table 3−43. Parallel GPIO Direction Register 2 Bit Field Description†
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−14
R/W
00
Reserved
IOxDIR
13−0
R/W
00000000000000
Data direction bits that configure corresponding I/O pins either as
inputs or outputs. See Table 3−35, TMS320VC5501 PGPIO Cross-
Reference.
IOxDIR = 0:
Configure corresponding pin as an input.
IOxDIR = 1:
Configure corresponding pin as an output.
† x = value from 32 to 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com