Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 81Page - Texas Instruments TMS320VC5501 Datasheet HTML 82Page - Texas Instruments TMS320VC5501 Datasheet HTML 83Page - Texas Instruments TMS320VC5501 Datasheet HTML 84Page - Texas Instruments TMS320VC5501 Datasheet HTML 85Page - Texas Instruments TMS320VC5501 Datasheet HTML 86Page - Texas Instruments TMS320VC5501 Datasheet HTML 87Page - Texas Instruments TMS320VC5501 Datasheet HTML 88Page - Texas Instruments TMS320VC5501 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 193 page
background image
Functional Overview
85
December 2002 − Revised November 2004
SPRS206H
3.10.7.1 IDLE Configuration Register (ICR)
15
10
9
8
Reserved
CLKEI†
IPORTI
R, 000000
R/W, 0
R/W, 0
76
54
32
10
MPORTI
XPORTI
EMIFI
CLKI
PERI
ICACHEI
MPI
CPUI
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
† This bit must be set to ‘1’ when placing the clock generator in idle; otherwise, a bus error interrupt will be generated.
Figure 3−26. IDLE Configuration Register Layout (0x0001)
Table 3−27. IDLE Configuration Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−10
R
000000
Reserved
CLKEI
9
R/W
0
Extended device clock generator idle control bit. The CLKEI bit must be set
to 1 along with the CLKI bit in order to properly place the device clock
generator in idle.
CLKI
CLKEI
0
0
Device clock generator module remains active after
execution of an IDLE instruction.
1
1
Device clock generator is disabled after execution of
an IDLE instruction.
Any other combination of CLKI and CLKEI is not valid. Setting CLKI to 1 and
executing the IDLE instruction will generate a bus error interrupt if CLKEI is not
set to 1.
Disabling the clock generator provides the lowest level of power reduction by
stopping the system clock. Whenever the clock generator is idled, the CLKEI,
CPUI, MPI, ICACHEI, EMIFI, XPORTI, MPORTI, and IPORTI bits must be set
to 1 in order to ensure a proper power-down mode. A bus error interrupt will be
generated if the idle instruction is executed when CLKI = 1 and any of these
bits are not set to 1.
IPORTI
8
R/W
0
IPORT idle control bit. The IPORT is used for all ICACHE transactions.
IPORTI = 0:
IPORT remains active after execution of an IDLE instruction
IPORTI = 1:
IPORT is disabled after execution of an IDLE instruction
MPORTI
7
R/W
0
MPORT idle control bit. The MPORT is used for all DMA and HPI transactions.
MPORTI = 0:
MPORT remains active after execution of an IDLE instruction
MPORTI = 1:
MPORT is disabled after execution of an IDLE instruction
XPORTI
6
R/W
0
XPORT idle control bit. The XPORT is used for all I/O memory transactions.
XPORTI = 0:
XPORT remains active after execution of an IDLE instruction
XPORTI = 1:
XPORT is disabled after execution of an IDLE instruction
EMIFI
5
R/W
0
External Memory Interface (EMIF) idle control bit
EMIFI = 0:
EMIF module remains active after execution of an
IDLE instruction
EMIFI = 1:
EMIF module is disabled after execution of an IDLE
instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com