Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 50Page - Texas Instruments TMS320VC5501 Datasheet HTML 51Page - Texas Instruments TMS320VC5501 Datasheet HTML 52Page - Texas Instruments TMS320VC5501 Datasheet HTML 53Page - Texas Instruments TMS320VC5501 Datasheet HTML 54Page - Texas Instruments TMS320VC5501 Datasheet HTML 55Page - Texas Instruments TMS320VC5501 Datasheet HTML 56Page - Texas Instruments TMS320VC5501 Datasheet HTML 57Page - Texas Instruments TMS320VC5501 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 193 page
background image
Functional Overview
54
December 2002 − Revised November 2004
SPRS206H
Table 3−7. Timer Signal Selection Register Bit Field Description (Continued)
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
IWCON
2:1
R/W
00
Internal WDT output signal connection
IWCON = 00:
Internal watchdog timer interrupt (TINT)
signal has no internal connection.
IWCON = 01:
Internal watchdog timer interrupt (TINT)
signal has an internal connection to
RESET pin.
IWCON = 10:
Internal watchdog timer interrupt (TINT)
signal has an internal connection to NMI
pin.†
IWCON = 11:
Internal watchdog timer interrupt (TINT)
signal has an internal connection to INT3
pin.
NMI/WDTOUT_CFG
0
R/W
1
NMI/WDTOUT configuration
NMI/WDTOUT_CFG = 0: NMI/WDTOUT pin is used as the
WDTOUT pin.
NMI/WDTOUT_CFG = 1: NMI/WDTOUT pin is used as the
NMI input pin.†
† If NMI/WDTOUT_CFG = 1 and IWCON = 10, only the WDTOUT signal will drive the NMI signal; the external source driving the NMI/WDTOUT
pin will be ignored.
3.5
Universal Asynchronous Receiver/Transmitter (UART)
The UART peripheral is based on the industry-standard TL16C550B asynchronous communications element,
which in turn, is a functional upgrade of the TL16C450. Functionally similar to the TL16C450 on power up
(character or TL16C450 mode), the UART can be placed in an alternate FIFO (TL16C550) mode. This relieves
the CPU of excessive software overhead by buffering received and transmitted characters. The receiver and
transmitter FIFOs store up to 16 bytes, including three additional bits of error status per byte for the receiver
FIFO.
The UART performs serial-to-parallel conversions on data received from a peripheral device or modem and
parallel-to-serial conversion on data received from the CPU. The CPU can read the UART status at any time.
The UART includes control capability and a processor interrupt system that can be configured to minimize
software management of the communications link.
The UART includes a programmable baud rate generator capable of dividing the CPU clock by divisors from 1
to 65535 and producing a 16
× reference clock for the internal transmitter and receiver logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com