Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 38Page - Texas Instruments TMS320VC5501 Datasheet HTML 39Page - Texas Instruments TMS320VC5501 Datasheet HTML 40Page - Texas Instruments TMS320VC5501 Datasheet HTML 41Page - Texas Instruments TMS320VC5501 Datasheet HTML 42Page - Texas Instruments TMS320VC5501 Datasheet HTML 43Page - Texas Instruments TMS320VC5501 Datasheet HTML 44Page - Texas Instruments TMS320VC5501 Datasheet HTML 45Page - Texas Instruments TMS320VC5501 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 193 page
background image
Functional Overview
42
December 2002 − Revised November 2004
SPRS206H
3.1.5 Boot Configuration
The on-chip bootloader provides a way to transfer application code and tables from an external source to the
on-chip RAM at power up. The 5501 provides several options to download the code to accommodate varying
system requirements. These options include:
•
Host-port interface (HPI) boot in multiplexed mode
•
External memory boot (via EMIF) from 16-bit asynchronous memory
•
Serial port boot (from McBSP0) with 16-bit element length
•
SPI EPROM boot (from McBSP0) supporting EPROMs with 24-bit addresses
•
I2C EPROM boot (from I2C) supporting EPROMs larger than 512K bits
•
UART boot
•
Direct execution (no boot) from 16-bit or 32-bit external asynchronous memory
The external pins BOOTM2, BOOTM1, and BOOTM0 select the boot configuration. The values of
BOOTM[2:0] are latched with the rising edge of the RESET input. BOOTM2 is shared with GPIO2, BOOTM1
is shared with GPIO1, and BOOTM0 is shared with GPIO0.
The boot configurations available are summarized in Table 3−3.
Table 3−3. Boot Configuration Selection Via the BOOTM[2:0] Pins
BOOTM[2:0]
BOOT PROCESS
000
Direct execution from 16-bit external asynchronous memory
001
SPI EPROM boot
010
Serial port boot (from McBSP0)
011
External memory boot (via EMIF) from 16-bit asynchronous memory
100
Direct execution from 32-bit external asynchronous memory
101
HPI boot
110
I2C EPROM boot
111
UART boot
3.2
Peripherals
The 5501 includes the following on-chip peripherals:
•
An external memory interface (EMIF)† supporting a 32-bit interface to asynchronous memory, SDRAM,
and SBSRAM
•
An 8-bit host-port interface (HPI)†
•
A six-channel direct memory access (DMA) controller
•
Two multichannel buffered serial ports (McBSPs)
•
A programmable analog phase-locked loop (APLL) clock generator
•
General-purpose I/O (GPIO) pins and a dedicated output pin (XF)
† The 5501 can be configured as follows:
•
EMIF/HPI mode: 32-bit external memory interface with 8-bit host-port interface
•
PGPIO mode: PGPIO support with no external memory interface and no host-port interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com