Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 62Page - Texas Instruments TMS320VC5501 Datasheet HTML 63Page - Texas Instruments TMS320VC5501 Datasheet HTML 64Page - Texas Instruments TMS320VC5501 Datasheet HTML 65Page - Texas Instruments TMS320VC5501 Datasheet HTML 66Page - Texas Instruments TMS320VC5501 Datasheet HTML 67Page - Texas Instruments TMS320VC5501 Datasheet HTML 68Page - Texas Instruments TMS320VC5501 Datasheet HTML 69Page - Texas Instruments TMS320VC5501 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 193 page
background image
Functional Overview
66
December 2002 − Revised November 2004
SPRS206H
3.9.5 PLL Control Registers
The 5501 PLL control registers are accessible via the I/O memory map.
Table 3−11. PLL Control Registers
ADDRESS
REGISTER
ADDRESS
REGISTER
1C80h
PLLCSR
1C82h
CK3SEL
1C88h
PLLM
1C8Ah
PLLDIV0
1C8Ch
PLLDIV1
1C8Eh
PLLDIV2
1C90h
PLLDIV3
1C92h
OSCDIV1
1C98h
WKEN
8400h
CLKOUTSR
8C00h
CLKMD
3.9.5.1
PLL Control / Status Register (PLLCSR)
15
8
Reserved
R, 00000000
76
54
32
10
Reserved
STABLE
LOCK
Reserved
PLLRST
OSCPWRDN
PLLPWRDN
PLLEN
R, 0
R, 1
R, 0
R, 0
R/W, 1
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−15. PLL Control/Status Register Layout (0x1C80)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com