Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 151 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 147Page - Texas Instruments TMS320VC5501 Datasheet HTML 148Page - Texas Instruments TMS320VC5501 Datasheet HTML 149Page - Texas Instruments TMS320VC5501 Datasheet HTML 150Page - Texas Instruments TMS320VC5501 Datasheet HTML 151Page - Texas Instruments TMS320VC5501 Datasheet HTML 152Page - Texas Instruments TMS320VC5501 Datasheet HTML 153Page - Texas Instruments TMS320VC5501 Datasheet HTML 154Page - Texas Instruments TMS320VC5501 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 193 page
background image
Electrical Specifications
151
December 2002 − Revised November 2004
SPRS206H
5.7.3 Synchronous DRAM Timings
Table 5−13 and Table 5−14 assume testing over recommended operating conditions (see Figure 5−13
through Figure 5−20).
Table 5−13. Synchronous DRAM Cycle Timing Requirements
NO.
MIN
MAX
UNIT
SD6
tsu(EDV-EKO1H)
Setup time, read EMIF.Dx valid before ECLKOUT1 high
2
ns
SD7
th(EKO1H-EDV)
Hold time, read EMIF.Dx valid after ECLKOUT1 high
2
ns
Table 5−14. Synchronous DRAM Cycle Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
SD1
td(EKO1H-CEV)
Delay time, ECLKOUT1 high to EMIF.CEx valid/invalid
0.8
7
ns
SD2
td(EKO1H-BEV)
Delay time, ECLKOUT1 high to EMIF.BEx valid
7
ns
SD3
td(EKO1H-BEIV)
Delay time, ECLKOUT1 high to EMIF.BEx invalid
0.8
ns
SD4
td(EKO1H-EAV)
Delay time, ECLKOUT1 high to EMIF.Ax valid
7
ns
SD5
td(EKO1H-EAIV)
Delay time, ECLKOUT1 high to EMIF.Ax invalid
0.8
ns
SD8
td(EKO1H-CASV)
Delay time, ECLKOUT1 high to EMIF.SDCAS valid
0.8
7
ns
SD9
td(EKO1H-EDV)
Delay time, ECLKOUT1 high to EMIF.Dx valid
7
ns
SD10
td(EKO1H-EDIV)
Delay time, ECLKOUT1 high to EMIF.Dx invalid
0.8
ns
SD11
td(EKO1H-WEV)
Delay time, ECLKOUT1 high to EMIF.SDWE valid
0.8
7
ns
SD12
td(EKO1H-RASV)
Delay time, ECLKOUT1 high to EMIF.SDRAS valid
0.8
7
ns
SD13
td(EKO1H-CKEV)
Delay time, ECLKOUT1 high to EMIF.SDCKE valid
0.8
7
ns
ECLKOUT1
EMIF.CEx
EMIF.BE[3:0]
EMIF.A[11:2]
EMIF.D[31:0]
EMIF.A12
EMIF.AOE/SOE/SDRAS†
EMIF.ARE/SADS/
SDCAS/SRE†
EMIF.AWE/SWE/SDWE†
EMIF.A[21:13]
BE1
BE2
BE3
BE4
Bank
Column
D1
D2
D3
D4
SD8
SD7
SD6
SD5
SD5
SD5
SD1
SD3
SD2
SD8
SD4
SD4
SD4
SD1
READ
† EMIF.ARE/SADS/SDCAS/SRE, EMIF.AWE/SWE/SDWE, and EMIF.AOE/SOE/SDRAS operate as EMIF.SDCAS, EMIF.SDWE, and
EMIF.SDRAS, respectively, during SDRAM accesses.
Figure 5−13. SDRAM Read Command (CAS Latency 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com