Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 160 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 156Page - Texas Instruments TMS320VC5501 Datasheet HTML 157Page - Texas Instruments TMS320VC5501 Datasheet HTML 158Page - Texas Instruments TMS320VC5501 Datasheet HTML 159Page - Texas Instruments TMS320VC5501 Datasheet HTML 160Page - Texas Instruments TMS320VC5501 Datasheet HTML 161Page - Texas Instruments TMS320VC5501 Datasheet HTML 162Page - Texas Instruments TMS320VC5501 Datasheet HTML 163Page - Texas Instruments TMS320VC5501 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 193 page
background image
Electrical Specifications
160
December 2002 − Revised November 2004
SPRS206H
5.11 XF Timings
Table 5−21 assumes testing over recommended operating conditions (see Figure 5−25).
Table 5−21. XF Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
X1
td(XF)
Delay time, CLKOUT high to XF high†
0
5
ns
X1
td(XF)
Delay time, CLKOUT high to XF low†
0
6
ns
† In this case, CLKOUT refers to the CPU clock. Since CLKOUT cannot be programmed to reflect the CPU clock, there might be an extra delay
of a certain number of CPU clocks based on the ratio between the system clock shown on CLKOUT and the CPU clock. For example, if SYSCLK2
is shown on CLKOUT and SYSCLK2 is programmed to be half the CPU clock, there might be an extra delay of one CPU clock period between
the transition of CLKOUT and the specified timing. If system clock is programmed to be one-fourth of the CPU clock, there might be an extra delay
of 1, 2, or 3 CPU clocks between the transition of CLKOUT and the specified timing. The extra delay must be taken into account when considering
the MAX value for the timing under question. Note that if the CPU clock and the system clock shown on CLKOUT are operating at the same
frequency, there will be no extra delay in the specified timing.
X1
CLKOUT
XF
NOTE: The figure shows the case in which CLKOUT is programmed to show a system clock that is operating at the same frequency as
the CPU clock.
Figure 5−25. XF Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com