Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 124Page - National Semiconductor (TI) PC87309 Datasheet HTML 125Page - National Semiconductor (TI) PC87309 Datasheet HTML 126Page - National Semiconductor (TI) PC87309 Datasheet HTML 127Page - National Semiconductor (TI) PC87309 Datasheet HTML 128Page - National Semiconductor (TI) PC87309 Datasheet HTML 129Page - National Semiconductor (TI) PC87309 Datasheet HTML 130Page - National Semiconductor (TI) PC87309 Datasheet HTML 131Page - National Semiconductor (TI) PC87309 Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
128
www.national.com
TABLE 5-26. Consumer-IR Carrier Frequency Encoding
TABLE 5-27. Carrier Clock Pulse Width Options
5.18.3
Consumer-IR Configuration Register (RCCFG)
This register control the basic operation of the Consumer-
IR mode. After reset, the content of this register is 00h.
Bits 1,0 - Transmitter Modulator Mode (RC_MMD(1,0))
Determines how infrared pulses are generated from the
transmitted bit string. (see Table 5-28).
TABLE 5-28. Transmitter Modulation Mode Selection
Bit 2 - Transmitter Subcarrier Frequency Select (TXHSC)
This bit selects the modulation carrier frequency range.
0: Low frequency: 30-56.9 KHz
1: High frequency: 400-480 KHz
Bit 3 - Reserved
Read/Write 0.
Bit 4 - Receiver Demodulation Disable (RCDM_DS)
When this bit is 1, the internal demodulator is disabled.
The internal demodulator, when enabled, performs car-
rier frequency checking and envelope detection.
This bit must be set to 1 (disabled), when the demodu-
lation is performed externally, or when oversampling
mode is selected to determine the carrier frequency.
0: Internal demodulation enabled.
1: Internal demodulation disabled.
Bit 5 - Receiver Carrier Frequency Select (RXHSC)
This bit selects the receiver demodulator frequency range.
0: Low frequency: 30-56.9 KHz
1: High frequency: 400-480 KHz
Bit 6 - Receiver Sampling Mode Select(T_OV)
0: Programmed-T-period sampling.
Encoding
MCFR Bits
43210
Low Frequency
(TXHSC = 0)
High Frequency
(TXHSC = 1)
00000
reserved
reserved
00001
reserved
reserved
00010
reserved
reserved
00011
30 KHz
400 KHz
00100
31 KHz
reserved
00101
32 KHz
reserved
00110
33 KHz
reserved
00111
34 KHz
reserved
01000
35 KHz
450 KHz
01001
36 KHz
reserved
01010
37 KHz
reserved
01011
38 KHz
480 KHz
01100
39 KHz
reserved
01101
40 KHz
reserved
01110
41 KHz
reserved
. . .
. . .
. . .
11010
53 KHz
reserved
11011
54 KHz
reserved
11100
55 KHz
reserved
11101
56 KHz
reserved
11110
56.9 KHz
reserved
11111
reserved
reserved
Encoding
MCPW Bits
7 6 5
Low Frequency
(TXHSC = 0)
High Frequency
(TXHSC = 1)
0 0 0
Reserved
Reserved
0 0 1
Reserved
Reserved
0 1 0
6
µsec
0.7
µsec
0 1 1
7
µsec
0.8
µsec
1 0 0
9
µsec
0.9
µsec
1 0 1
10.6
µsec
Reserved
1 1 0
Reserved
Reserved
1 1 1
Reserved
Reserved
RCCFG
Bits
1 0
Modulation Mode
0 0
C_PLS Modulation mode. Pulses are
generated continuously for the entire logic
0 bit time.
0 1
8_PLS Modulation Mode. 8 pulses are
generated each time one or more logic 0
bits are transmitted following a logic 1 bit.
1 0
6_PLS Modulation Mode. 6 pulses are
generated each time one or more logic 0
bits are transmitted following a logic 1 bit.
1 1
Reserved. Result is indeterminate.
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
Configuration Register
(RCCFG)
Bank 7,
Consumer-IR
RCDM_DS
Reserved
RXHSC
T_OV
R_LEN
RC_MMD0
RC_MMD1
TXHSC
Offset 02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com