Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 126Page - National Semiconductor (TI) PC87309 Datasheet HTML 127Page - National Semiconductor (TI) PC87309 Datasheet HTML 128Page - National Semiconductor (TI) PC87309 Datasheet HTML 129Page - National Semiconductor (TI) PC87309 Datasheet HTML 130Page - National Semiconductor (TI) PC87309 Datasheet HTML 131Page - National Semiconductor (TI) PC87309 Datasheet HTML 132Page - National Semiconductor (TI) PC87309 Datasheet HTML 133Page - National Semiconductor (TI) PC87309 Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
130
www.national.com
Bits 2-0 - Consumer-IR Mode Transceiver Configuration,
Low-Speed (RCLC)
These bits drive the ID/IRSL(2-0) pins when AMCFG is
1 and Consumer-IR mode with 30-56 KHz receiver car-
rier frequency is selected. They are unused when AM-
CFG
is
0
or
when
the
ID/IRSL(2-0)
pins
are
programmed as inputs. Upon read, these bits return the
values previously written.
Bit 3 - Reserved
Read/Write 0.
Bits 6-4 - Consumer-IR Mode Transceiver Configuration,
High-Speed (RCHC)
These bits drive the IRSL(2-0) pins when AMCFG (bit 7
of IRCFG4) is 1 and Consumer-IR mode with 400-480
KHz receiver carrier frequency is selected. They are un-
used when AMCFG is 0 or when the ID/IRSL(2-0) pins
are programmed as inputs.
Upon read, these bits return the values previously writ-
ten.
Bit 7 - Reserved
Read/Write 0.
5.18.8
Infrared Interface Configuration Register 4
(IRCFG4)
This register configures the receiver data path and enables
the automatic selection of the configuration pins.
After reset, this register contains 00h.
Bits 2-0 - Reserved
Read/write 0.
Bit 3- ID/IRSL(2-1) Pins’ Direction Select (IRSL21_DS)
This bit determines the direction of the ID/IRSL2 and
ID/IRSL1 pins.
0: Pins’ direction is input.
1: Pins’ direction is output.
Bit 4 - IRRX Signal Invert (RXINV)
This bit supports optical transceivers with receive sig-
nals of opposite polarity (active high instead of active
low).
When set to 1 an inverter is put on the path of the input
signal of the receiver.
Bit 5 - ID0/IRSL0/IRRX2 Pin Direction Select (IRSL0_DS)
This
bit
determines
the
direction
of
the
ID0/
IRSL0/IRRX2 pin. See Table 5-29 on page 130.
0: Pin’s direction is input.
1: Pin’s direction is output.
Bit 6 - Reserved
Read/Write 0.
Bit 7 - Automatic Module Configuration (AMCFG)
When set to 1, this bit enables automatic infrared con-
figuration.
TABLE 5-29. Infrared Receiver Input Selection
1. IRCFG4 is in bank 7, offset 07h. It is
described on page 130.
2. AUX_IRRX (bit 4 of IRCR2) is described on
page 124.
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
Infrared Configuration
(IRCFG4)
Bank 7,
Register 4
Reserved
RXINV
IRSL0_DS
Reserved
AMCFG
Reserved
Reserved
IRSL21_DS
Offset 07h
Bit 5 of IRCFG41
(IRSL0_DS)
Bit 4 of IRCR2
(AUX_IRRX)2
Selected IRRX
0
0
IRRX1
0
1
IRRX2
1
0
IRRX1
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com