Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 128Page - National Semiconductor (TI) PC87309 Datasheet HTML 129Page - National Semiconductor (TI) PC87309 Datasheet HTML 130Page - National Semiconductor (TI) PC87309 Datasheet HTML 131Page - National Semiconductor (TI) PC87309 Datasheet HTML 132Page - National Semiconductor (TI) PC87309 Datasheet HTML 133Page - National Semiconductor (TI) PC87309 Datasheet HTML 134Page - National Semiconductor (TI) PC87309 Datasheet HTML 135Page - National Semiconductor (TI) PC87309 Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
132
www.national.com
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
Modem Control
Register (MCR)
Bank 0,
Non-Extended Mode
RILP
LOOP
Reserved
Reserved
Reserved
DTR
RTS
ISEN or DCDLP
Offset 04h
76543210
Reset
Required
0
0
0
0
0
0
0
0
Modem Control
Register (MCR)
Bank 0,
Extended Mode
DMA_EN
IR_PLS
MDSL0
MDSL2
DTR
RTS
TX_DFR
Offset 04h
MDSL1
76543210
Reset
Required
0
0
0
0
0
1
1
0
Link Status
Register (LSR)
Bank 0,
Non-Extended Mode
PE
BRK
TXRDY
TXEMP
ER_INF
RXDA
OE
FE
Offset 05h
76543210
Reset
Required
0
0
0
0
X
X
X
X
Modem Status
Register (MSR)
Bank 0,
TERI
CTS
DSR
RI
DCD
DCTS
DDSR
DDCD
Offset 06h
76543210
Reset
Required
Scratch Register
(SCR)
Bank 0,
Scratch Data
Non-Extended Mode
Offset 07h
76543210
Reset
Required
0
0
0
0
0
0
0
0
Auxiliary Status
Register (ASCR)
Bank 0,
Reserved
RXACT
TXUR
Reserved
S_EOT
RXWDG
RXF_TOUT
Extended Mode
EOF_INF
0
Offset 07h
76543210
Reset
Required
Low Byte Register
(LBGD(L)
Bank 1,
Least Significant Byte
Legacy Baud Generator Divisor
of Baud Generator
Offset 00h
76543210
Reset
Required
High Byte Register
(LBGD(H))
Bank 1,
Most Significant Byte
Legacy Baud Generator Divisor
of Baud Generator
Offset 01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com