Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 153Page - National Semiconductor (TI) PC87309 Datasheet HTML 154Page - National Semiconductor (TI) PC87309 Datasheet HTML 155Page - National Semiconductor (TI) PC87309 Datasheet HTML 156Page - National Semiconductor (TI) PC87309 Datasheet HTML 157Page - National Semiconductor (TI) PC87309 Datasheet HTML 158Page - National Semiconductor (TI) PC87309 Datasheet HTML 159Page - National Semiconductor (TI) PC87309 Datasheet HTML 160Page - National Semiconductor (TI) PC87309 Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 192 page
background image
Power Management (Logical Device 4)
157
www.national.com
Bit 3 - UART1 Clock Enable
This bit is ANDed with bit 1 of the SuperI/O UART1 Con-
figuration register at index F0h of Logical Device 3. If, ei-
ther bit is cleared to 0, the clock is disabled. Both bits
must be set to 1 to enable the clock.
0: The clock is disabled.
1: If bit 1 of the SuperI/O UART1 Configuration regis-
ter is set to 1, the clock is enabled. (Default)
Bits 5,4 - Reserved
Bit 6 - UART2 Busy Indicator
When set to 1, this read-only bit indicates the UART2 is
busy. It is also accessed via the SuperI/O UART2 Con-
figuration register at index F0h of Logical Device 2. See
Section 2.7 on page 31.
Bit 7 - UART1 Busy Indicator
When set to 1, this read-only bit indicates the UART1 is
busy.
It
is
also
accessed
via
the
SuperI/O
UART1Configuration register at index F0h of Logical
Device 3. See Section 2.8 on page 32.
7.3
POWER MANAGEMENT REGISTER BITMAPS
Index of a Power
Read Only
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
Base Address
Power Management
Management Register
Index Register,
+00h
Data in the Indicated Power
76543210
Reset
Required
0
0
0
0
0
0
0
0
Base Address
Power Management
Management Register
Data Register,
+ 01h
KBC Function Enable
76543210
Reset
Required
1
0
0
1
1
1
1
0
0
0
0
Index 00h
Function Enable
UART2 and Infrared Function Enable
Register 1 (FER1),
FDC Function Enable
Parallel Port Function Enable
UART1 Function Enable
Reserved
Reserved
FDC TRI-STATE Control
76543210
Reset
Required
0
0
0
0
0
0
0
0
Index 02h
Power Management
Control 1 Register
Parallel Port TRI-STATE Control
UART2 and Infrared TRI-STATE Control
Reserved
Reserved
UART1 TRI-STATE Control
(PMC1)
UART1 Clock Enable
76543210
Reset
Required
0
1
1
1
0
0
0
0
Index 04h
Power Management
Control 3 Register
Reserved
PM Timer Clock Enable
UART1 Busy Indicator
UART2 Busy Indicator
UART2 Clock Enable
Parallel Port Clock Enable
(PMC3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com