Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 154Page - National Semiconductor (TI) PC87309 Datasheet HTML 155Page - National Semiconductor (TI) PC87309 Datasheet HTML 156Page - National Semiconductor (TI) PC87309 Datasheet HTML 157Page - National Semiconductor (TI) PC87309 Datasheet HTML 158Page - National Semiconductor (TI) PC87309 Datasheet HTML 159Page - National Semiconductor (TI) PC87309 Datasheet HTML 160Page - National Semiconductor (TI) PC87309 Datasheet HTML 161Page - National Semiconductor (TI) PC87309 Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 192 page
background image
Mouse and Keyboard Controller (KBC) (Logical Devices 5 and 6)
158
www.national.com
8.0
Mouse and Keyboard Controller
(KBC) (Logical Devices 5 and 6)
The Keyboard Controller (KBC) is a functionally indepen-
dent programmable device controller. It is implemented
physically as a single hardware module on the PC87309
multi-I/O chip and houses two separate logical devices: a
mouse controller (Logical Device 5) and a keyboard control-
ler (Logical Device 6).
The KBC accepts user input from the keyboard or mouse,
and transfers this input to the host PC via the common
PC87309-PC interface.
The KBC is functionally equivalent to the industry standard
8042A keyboard controller, which may serve as a detailed
technical reference for the KBC.
The KBC is delivered preprogrammed with customer-sup-
plied code. KBC firmware code is identical to 8042 code,
and to code of the keyboard controller of the PC87323VUL
chip. The PC87323VUL is a recommended development
platform for the KBC since it uses identical code and in-
cludes internal program RAM that enables software devel-
opment.
8.1
SYSTEM ARCHITECTURE
The KBC is a general purpose microcontroller, with an 8-bit
internal data bus. See FIGURE FIGURE 8-1 "KBC System
Functional Block Diagram". It includes these functional
blocks:
Serial Open-collector Drivers: Four open-collector bi-di-
rectional serial lines enable serial data exchange with
the external devices (keyboard and mouse) using the
PS/2 protocol.
Program ROM: 2 Kbytes of ROM store program machine
code in non-erasable memory. The code is copied to
this ROM during manufacture, from customer-supplied
code.
Data RAM: A 256-byte data RAM enables run-time inter-
nal data storage, and includes an 8-level stack and 16
8-bit registers.
Timer/Counter: An internal 8-bit timer/counter can count
external events or pre-divided system clock pulses. An
internal time-out interrupt may be generated by this de-
vice.
I/O Ports: Two 8-bit ports (Port 1 and Port 2) serve various
I/O functions. Some are for general purpose use, others
are utilized by the KBC firmware.
FIGURE 8-1. KBC System Functional Block Diagram
KBDAT
Interrupt Matrix
KBCLK MDAT MCLK
Program
ROM
2 K x 8
Data
RAM
256 x 8
(including
registers
and stack)
I/O Port 2
8-Bit
Serial Open-Collector
Drivers
8-Bit Timer
DBBOUT
DBBIN
STATUS
RD WR
P21-20
P27, P26, P23, P22
TEST1
TEST0
D7-0
Timer
8-Bit Internal Bus
Program
Address
IBF
I/O Interface
PC87309 Interface
I/O PORT 1
8-Bit
P11,10
P12
P24
P25
8-Bit
CPU
To PnP
A2
or Counter
Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com