Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 159 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 159 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 155Page - National Semiconductor (TI) PC87309 Datasheet HTML 156Page - National Semiconductor (TI) PC87309 Datasheet HTML 157Page - National Semiconductor (TI) PC87309 Datasheet HTML 158Page - National Semiconductor (TI) PC87309 Datasheet HTML 159Page - National Semiconductor (TI) PC87309 Datasheet HTML 160Page - National Semiconductor (TI) PC87309 Datasheet HTML 161Page - National Semiconductor (TI) PC87309 Datasheet HTML 162Page - National Semiconductor (TI) PC87309 Datasheet HTML 163Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 192 page
background image
Mouse and Keyboard Controller (KBC) (Logical Devices 5 and 6)
159
www.national.com
8.2
FUNCTIONAL OVERVIEW
The KBC supports two external devices — a keyboard and
a mouse. Each device communicates with the KBC via two
bidirectional serial signals. Five additional external general-
purpose I/O signals are provided.
KBC operation involves three signal interfaces:
q
External I/O interface
q
Internal KBC - PC87309 interface
q
PC87309 - PC chip set interface.
These system interfaces are shown in FIGURE FIGURE
8-2 "System Interfaces".
The KBC uses two data registers (for input and output) and
a status register to communicate with the PC87309 central
system. Data exchange between these units may be based
on programmed I/O or interrupt-driven.
The KBC has two internal interrupts: the Input Buffer Full
(IBF) interrupt and Timer Overflow interrupt (see FIGURE
8-1 "KBC System Functional Block Diagram" on page 158).
These two interrupts can be independently enabled or dis-
abled by KBC firmware. Both are disabled by a hard reset.
These two interrupts only affect the execution flow of the
KBC firmware, and have no connection with the external in-
terrupts requested by this logical device.
The KBC can generate two external interrupt requests.
These request signals are controlled by the KBC firmware
which generates them by manipulating I/O port signals. See
Section 8.3.2 "Interrupt Request Signals".
The PC87309 supports the KBC and handles interactions
with the PC chip set. In addition to data transfer, these inter-
actions include KBC configuration, activation and status
monitoring. The PC87309 interconnects with the host via
one interface that is shared by all chip devices
The KBC clock is generated from the main clock of the chip,
which may come from an external clock source or from the
internal frequency multiplier. (See Section 8.3 "DEVICE
CONFIGURATION" and FIGURE 8-5 "Timing Generation
and Timer Circuit" on page 161.) The KBC clock rate is con-
figured by the SIO Configuration Registers.
FIGURE 8-2. System Interfaces
8.3
DEVICE CONFIGURATION
The KBC hardware contains two logical devices—the mouse
(Logical Device 5) and the keyboard (Logical Device 6).
8.3.1
I/O Address Space
The KBC has two I/O addresses and one IRQ line (KBC
IRQ) and can operate without the companion mouse.
The mouse cannot operate without the KBC device. It has
one IRQ line (mouse IRQ) but has no I/O address. It utilizes
the KBC I/O addresses.
8.3.2
Interrupt Request Signals
The KBC IRQ and Mouse IRQ interrupt request signals are
identical to (or functions of) the P24 and P25 signals of the
8042. These interrupt request signals are routed internally
to the Plug and Play interrupt Matrix and may be routed to
user-programmable IRQ pins. Each logical device is inde-
pendently controlled.
The Interrupt Select registers (index 70h for each logical de-
vice) select the IRQ pin to which the corresponding interrupt
request is routed. The interrupt may also be disabled by not
routing its request signal to any IRQ pin.
PC
Chip Set
SA15-0
PC87309
XD7-0
MR
A15-0
D7-0
AEN
RD
WR
KBC IRQ
Mouse IRQ
KBC Device
KBCLK
KBDAT
TEST0
P10
Keyboard Clock
Keyboard Data
MCLK
MDAT
TEST1
P11
Mouse Clock
Mouse Data
P26
P27
P23
P22
STATUS
DBBIN
DBBOUT
Plug and
Play
Matrix
P24
P25
P20
P21
P12
IRQn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com