Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5421 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 15Page - Texas Instruments TMS320VC5421 Datasheet HTML 16Page - Texas Instruments TMS320VC5421 Datasheet HTML 17Page - Texas Instruments TMS320VC5421 Datasheet HTML 18Page - Texas Instruments TMS320VC5421 Datasheet HTML 19Page - Texas Instruments TMS320VC5421 Datasheet HTML 20Page - Texas Instruments TMS320VC5421 Datasheet HTML 21Page - Texas Instruments TMS320VC5421 Datasheet HTML 22Page - Texas Instruments TMS320VC5421 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
Introduction
19
December 1999 − Revised October 2008
SPRS098D
2.4
Signal Descriptions
Table 2−3 lists each signal, function, and operating mode(s) grouped by function. See pin assignments section
for exact pin locations based on package type.
Table 2−3. Signal Descriptions
PIN NAME
TYPE†
DESCRIPTION
DATA SIGNALS
PPA18 (MSB)
PPA17
PPA16
PPA15
PPA14
PPA13
PPA12
PPA11
PPA10
PPA9
PPA8
PPA7
PPA6
PPA5
PPA4‡§
PPA3
PPA2
PPA1
PPA0 (LSB)
I/O/Z
Parallel port address bus. The DSP can access the external memory locations by way of the external
memory interface using PPA[18:0] in external memory interface (EMIF) mode when the XIO pin is logic
high. PPA18 is a secondary output function of the SELA/B pin.
The PPA[17:0] pins are also multiplexed with the HPI interface. In HPI mode (XIO pin is low), the external
address pins PPA[17:0] are used by a host processor for access to the memory map by way of the on-chip
HPI. Refer to the Host-Port Interface (HPI) Signals section of this table for details on the secondary
functions of these pins.
These pins are placed into the high-impedance state when OFF is low.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal pullup resistor.
§ These pins are Schmitt triggered inputs.
¶ This pin has an internal bus holder controlled by way of the BSCR register in 54x cLEAD core of DSP subsystem A .
# This pin is used by Texas Instruments for device testing and should be left unconnected.
|| This pin has an internal pulldown resistor.
kAlthough this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com