Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5421 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 19Page - Texas Instruments TMS320VC5421 Datasheet HTML 20Page - Texas Instruments TMS320VC5421 Datasheet HTML 21Page - Texas Instruments TMS320VC5421 Datasheet HTML 22Page - Texas Instruments TMS320VC5421 Datasheet HTML 23Page - Texas Instruments TMS320VC5421 Datasheet HTML 24Page - Texas Instruments TMS320VC5421 Datasheet HTML 25Page - Texas Instruments TMS320VC5421 Datasheet HTML 26Page - Texas Instruments TMS320VC5421 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
Introduction
23
December 1999 − Revised October 2008
SPRS098D
Table 2−3. Signal Descriptions (Continued)
PIN NAME
DESCRIPTION
TYPE†
MULTICHANNEL BUFFERED SERIAL PORT 0, 1, AND 2 SIGNALS
A_BCLKR0‡§
B_BCLKR0‡§
A_BCLKR1‡§
B_BCLKR1‡§
A_BCLKR2‡§
B_BCLKR2‡§
I/O/Z
Receive clocks. BCLKR serves as the serial shift clock for the buffered serial-port receiver. Input from an
external clock source for clocking data into the McBSP. When not being used as a clock, these pins can
be used as general-purpose I/O by setting RIOEN = 1.
BCLKR can be configured as an output by the way of the CLKRM bit in the PCR register.
These pins are placed into the high-impedance state when OFF is low.
A_BCLKX0‡§
B_BCLKX0‡§
A_BCLKX1‡§
B_BCLKX1‡§
A_BCLKX2‡§
B_BCLKX2‡§
I/O/Z
Transmit clocks. Clock signal used to clock data from the transmit register. This pin can also be configured
as an input by setting the CLKXM = 0 in the PCR register. BCLKX can be sampled as an input by way of
the IN1 bit in the SPC register. When not being used as a clock, these pins can be used as general-purpose
I/O by setting XIOEN = 1.
These pins are placed into the high-impedance state when OFF is low.
A_BDR0
B_BDR0
A_BDR1
B_BDR1
A_BDR2
B_BDR2
I
Buffered serial data receive (input) pin. When not being used as data-receive pins, these pins can be used
as general-purpose I/O by setting RIOEN = 1.
A_BDX0
B_BDX0
A_BDX1
B_BDX1
A_BDX2
B_BDX2
O/Z
Buffered serial-port transmit (output) pin. When not being used as data-transmit pins, these pins can be
used as general-purpose I/O by setting XIOEN = 1. These pins are placed into the high-impedance state
when OFF is low.
A_BFSR0
B_BFSR0
A_BFSR1
B_BFSR1
A_BFSR2
B_BFSR2
I/O/Z
Frame synchronization pin for buffered serial-port input data. The BFSR pulse initiates the receive-data
process over the BDR pin. When not being used as data-receive synchronization pins, these pins can be
used as general-purpose I/O by setting RIOEN = 1. These pins are placed into the high-impedance state
when OFF is low.
A_BFSX0
B_BFSX0
A_BFSX1
B_BFSX1
A_BFSX2
B_BFSX2
I/O/Z
Buffered serial-port frame synchronization pin for transmitting data. The BFSX pulse initiates the
transmit-data process over the BDX pin. If RS is asserted when BFSX is configured as output, then BFSX
is turned into input mode by the reset operation. When not being used as data-transmit synchronization
pins, these pins can be used as general-purpose I/O by setting XIOEN = 1. These pins are placed into the
high-impedance state when OFF is low.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal pullup resistor.
§ These pins are Schmitt triggered inputs.
¶ This pin has an internal bus holder controlled by way of the BSCR register in 54x cLEAD core of DSP subsystem A .
# This pin is used by Texas Instruments for device testing and should be left unconnected.
|| This pin has an internal pulldown resistor.
kAlthough this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com