Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5421 Datasheet(PDF) 50 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 46Page - Texas Instruments TMS320VC5421 Datasheet HTML 47Page - Texas Instruments TMS320VC5421 Datasheet HTML 48Page - Texas Instruments TMS320VC5421 Datasheet HTML 49Page - Texas Instruments TMS320VC5421 Datasheet HTML 50Page - Texas Instruments TMS320VC5421 Datasheet HTML 51Page - Texas Instruments TMS320VC5421 Datasheet HTML 52Page - Texas Instruments TMS320VC5421 Datasheet HTML 53Page - Texas Instruments TMS320VC5421 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 104 page
background image
Functional Overview
50
December 1999 − Revised October 2008
SPRS098D
The software-programmable PLL features a high level of flexibility, and includes a clock scaler that provides
various clock multiplier ratios, capability to directly enable and disable the PLL, and a PLL lock timer that can
be used to delay switching to PLL clocking mode of the device until lock is achieved. Devices that have a
built-in software-programmable PLL can be configured in one of two clock modes:
•
PLL mode. The input clock (CLKIN) is multiplied by 1 of 31 possible ratios. These ratios are achieved using
the PLL circuitry.
•
DIV (divider) mode. The input clock is divided by 2 or 4. Note that when DIV mode is used, the PLL can
be completely disabled in order to minimize power dissipation.
The software-programmable PLL is controlled using the 16-bit memory-mapped (address 0058h) clock mode
register (CLKMD). The CLKMD register is used to define the clock configuration of the PLL clock module.
Figure 3−20 shows the bit layout of the clock mode register and Table 3−15 describes the bit functions.
15
12
11
10
3
2
1
0
PLLMUL†
PLLDIV†
PLLCOUNT†
PLLON/OFF†
PLLNDIV
STATUS
R/W
R/W
R/W
R/W
R/W
R/W
† When in DIV mode (PLLSTATUS is low), PLLMUL, PLLDIV, PLLCOUNT, and PLLON/OFF are don’t cares, and their contents are indeterminate.
LEGEND: R = Read, W = Write
Figure 3−20. Clock Mode Register (CLKMD)
Table 3−15. Clock Mode Register (CLKMD) Bit Functions
BIT
NO.
BIT
NAME
FUNCTION
15−12
PLLMUL†
PLL multiplier. PLLMUL defines the frequency multiplier in conjunction with PLLDIV and PLLNDIV. See
Table 3−16.
PLL divider. PLLDIV defines the frequency multiplier in conjunction with PLLMUL and PLLNDIV. See Table 3−16.
11
PLLDIV†
PLLDIV = 0
Means that an integer multiply factor is used
11
PLLDIV†
PLLDIV = 1
Means that a noninteger multiply factor is used
10−3
PLLCOUNT†
PLL counter value. PLLCOUNT specifies the number of input clock cycles (in increments of 16 cycles) for the
PLL lock timer to count before the PLL begins clocking the processor after the PLL is started. The PLL counter
is a down-counter, which is driven by the input clock divided by 16; therefore, for every 16 input clocks, the PLL
counter decrements by one.
The PLL counter can be used to ensure that the processor is not clocked until the PLL is locked, so that only valid
clock signals are sent to the device.
2
PLLON/OFF†
PLL on/off. PLLON/OFF enables or disables the PLL part of the clock generator in conjunction with the PLLNDIV
bit (see Table 3−17). Note that PLLON/OFF and PLLNDIV can both force the PLL to run; when PLLON/OFF is
high, the PLL runs independently of the state of PLLNDIV.
1
PLLNDIV
PLLNDIV configures PLL mode when high or DIV mode when low. PLLNDIV defines the frequency multiplier in
conjunction with PLLDIV and PLLMUL. See Table 3−16.
Indicates the PLL mode.
0
STATUS
STATUS = 0
Indicates DIV mode
0
STATUS
STATUS = 1
Indicates PLL mode
† When in DIV mode (PLLSTATUS is low), PLLMUL, PLLDIV, PLLCOUNT, and PLLON/OFF are don’t cares, and their contents are indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com