Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5421 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 21Page - Texas Instruments TMS320VC5421 Datasheet HTML 22Page - Texas Instruments TMS320VC5421 Datasheet HTML 23Page - Texas Instruments TMS320VC5421 Datasheet HTML 24Page - Texas Instruments TMS320VC5421 Datasheet HTML 25Page - Texas Instruments TMS320VC5421 Datasheet HTML 26Page - Texas Instruments TMS320VC5421 Datasheet HTML 27Page - Texas Instruments TMS320VC5421 Datasheet HTML 28Page - Texas Instruments TMS320VC5421 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
Introduction
25
December 1999 − Revised October 2008
SPRS098D
Table 2−3. Signal Descriptions (Continued)
PIN NAME
DESCRIPTION
TYPE†
HOST-PORT INTERFACE (HPI) SIGNALS (CONTINUED)
HDS1‡§
HDS2‡§
I
PS‡§
DS‡§
O/Z
HPI data strobes. HDS1 and HDS2 are driven by the host read and write strobes
to control HPI transfers.
These pins are shared with the external memory interface and are only used by the
HPI when the interface is in HPI mode (XIO pin is low).
These pins are placed into the high-impedance state when OFF is low.
HR/W
I
R/W
O/Z
HPI read/write signal. This signal is used by the host to control the direction of an
HPI transfer.
This pin is shared with the external memory interface and is only used by the HPI
when the interface is in HPI mode (XIO pin is low).
This pin is placed into the high-impedance state when OFF is low.
HRDY
O/Z
READY
I
HPI data-ready output. The ready output informs the host when the HPI is ready for
the next transfer.
This pin is shared with the external memory interface and is only used by the HPI
when the interface is in HPI mode (XIO pin is low). HRDY is placed into the
high-impedance state when OFF is low.
PRIMARY
A_HINT
B_HINT
O/Z
PPA0
PPA1
O/Z
Host interrupt pin. HPI can interrupt the host by asserting this low. The host can clear
this interrupt by writing a “1” to the HINT bit of the HPIC register. Only supported in
HPI multiplexed address/data mode (HMODE pin is low). These pins are placed into
the high-impedance state when OFF is low.
HPIRS§
I
Host-port interface (HPI) reset pin. This signal resets the host port interface and both subsystems.
HMODE
I
Host mode select. When this pin is low, it selects the HPI multiplexed address/data mode. The multiplexed
address/data mode allows hosts with multiplexed address/data lines access to the HPI registers HPIC,
HPIA, and HPID. Host-to-DSP and DSP-to-host interrupts are supported in this mode.
When HMODE is high, it selects the HPI nonmultiplexed mode. HPI nonmultiplexed mode allows hosts
with separate address/data buses to access the HPI address range by way of the 18-bit address bus and
the HPI data (HPID) register via the 16-bit data bus. Host-to-DSP and DSP-to-host interrupts are not
supported in this mode.
SUPPLY PINS
AVDD
S
Dedicated power supply that powers the PLL. AVDD = 1.8 V. AVDD can be connected to CVDD.
CVDD
S
Dedicated “clean” power supply that powers the core CPUs. CVDD = 1.8 V
DVDD
S
Dedicated “dirty” power supply that powers the I/O pins. DVDD = 3.3 V
VSS
S
Digital ground. Dedicated ground plane for the device.
VSSA
S
Analog ground. Dedicated ground for the PLL. VSSA can be connected to VSS if digital and analog grounds
are not separated.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal pullup resistor.
§ These pins are Schmitt triggered inputs.
¶ This pin has an internal bus holder controlled by way of the BSCR register in 54x cLEAD core of DSP subsystem A .
# This pin is used by Texas Instruments for device testing and should be left unconnected.
|| This pin has an internal pulldown resistor.
kAlthough this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com