Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5421 Datasheet(PDF) 77 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 73Page - Texas Instruments TMS320VC5421 Datasheet HTML 74Page - Texas Instruments TMS320VC5421 Datasheet HTML 75Page - Texas Instruments TMS320VC5421 Datasheet HTML 76Page - Texas Instruments TMS320VC5421 Datasheet HTML 77Page - Texas Instruments TMS320VC5421 Datasheet HTML 78Page - Texas Instruments TMS320VC5421 Datasheet HTML 79Page - Texas Instruments TMS320VC5421 Datasheet HTML 80Page - Texas Instruments TMS320VC5421 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
Electrical Specifications
77
December 1999 − Revised October 2008
SPRS098D
5.11 HOLD and HOLDA Timings
The following timing requirements and switching characteristics tables assume testing over recommended
operating conditions and H = 0.5tc(CO) (see Figure 5−15).
Table 5−16. HOLD and HOLDA Timing Requirements
MIN
MAX
UNIT
tw(HOLD)
Pulse duration, HOLD low
4H+10
ns
tsu(HOLD)
Setup time, HOLD low/high before CLKOUT low
8
ns
Table 5−17. HOLD and HOLDA Switching Characteristics
PARAMETER
MIN
MAX
UNIT
tdis(CLKL-A)
Disable time, address, PS, DS, IS high impedance from CLKOUT high
5
ns
tdis(CLKL-RW)
Disable time, R/W high impedance from CLKOUT high
5
ns
tdis(CLKL-S)
Disable time, MSTRB, IOSTRB high impedance from CLKOUT high
5
ns
tdis(CLKL-D)
Disable time, Data from CLKOUT high
5
ns
ten(CLKL-A)
Enable time, address, PS, DS, IS from CLKOUT high
2H+5
ns
ten(CLKL-D)
Enable time, Data from CLKOUT high
2H+5
ns
ten(CLKL-RW)
Enable time, R/W enabled from CLKOUT high
2H+5
ns
ten(CLKL-S)
Enable time, MSTRB, IOSTRB enabled from CLKOUT high
1
2H+5
ns
td(HOLDAL)
Delay time, HOLDA low after CLKOUT high
0
11H+5
ns
td(HOLDAH)
Delay time, HOLDA high after CLKOUT high
0
5
ns
tw(HOLDA)
Pulse duration, HOLDA low duration
2H−3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com