Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5421 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 24Page - Texas Instruments TMS320VC5421 Datasheet HTML 25Page - Texas Instruments TMS320VC5421 Datasheet HTML 26Page - Texas Instruments TMS320VC5421 Datasheet HTML 27Page - Texas Instruments TMS320VC5421 Datasheet HTML 28Page - Texas Instruments TMS320VC5421 Datasheet HTML 29Page - Texas Instruments TMS320VC5421 Datasheet HTML 30Page - Texas Instruments TMS320VC5421 Datasheet HTML 31Page - Texas Instruments TMS320VC5421 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
Functional Overview
28
December 1999 − Revised October 2008
SPRS098D
3.1
Memory
Each 5421 DSP subsystem maintains the peripheral register memory map and interrupt location/priorities of
the standard 5420. Figure 3−2 shows the size of the required memory blocks and their link map within the
program and data space of the cLEAD core. The total on-chip memory for the 5421 devices is 256K-word
data/program.
Memory-
Mapped
Registers
On-Chip
DARAM A/B§
(32K Words)
Prog/Data
On-Chip
SARAM A/B
(32K Words)
Data Only
(DROM=1)
External
(DROM=0)
00 0000
00 005F
00 0060
00 7FFF
00 8000
00 FFFF
On-Chip
DARAM A/B§
(32K Words)
Prog/Data
(OVLY=1)
On-Chip
two-way
shared
DARAM 0
(24K Words)
Prog Only
00 0000
00 7FFF
00 8000
00 FFFF
Data
Hex
Program Page 0
Hex
External
(OVLY=0)
On-Chip
DARAM A/B§
(32K Words)
Prog/Data
(OVLY=1)
On-Chip
two-way
shared
DARAM 1
(32K Words)
Prog Only
01 0000
01 FFFF
Program Page 1
Hex
External
(OVLY=0)
On-Chip
DARAM A/B§
(32K Words)
Prog/Data
(OVLY=1)
On-Chip
two-way
shared
DARAM 2#
(32K Words)
Prog Only
02 0000
02 FFFF
Program Page 2
Hex
External
(OVLY=0)
(extended)
(extended)
On-Chip
DARAM A/B§
(32K Words)
Prog/Data
(OVLY=1)
On-Chip
two-way
shared
DARAM 3#
(32K Words)
Prog Only
03 0000
03 FFFF
Program Page 3
Hex
External
(OVLY=0)
(extended)
0n 0000
0n FFFF
Program Page n
Hex
External‡
ROM
(ROMEN=1)†
02 7FFF
02 8000
03 7FFF
03 8000
0n 7FFF
0n 8000
External‡
01 7FFF
01 8000
00 DFFF
00 E000
00 F7FF
00 F800
(n = 4 − 127)
Shared 0
Shared 1
Shared 2
Shared 3
00 005F
00 0060
01 005F
01 0060
02 005F
02 0060
03 005F
03 0060
0n 005F
0n 0060
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
† ROM enabled after reset.
‡ When CPU PMST register bit MP/MC=0 and an address is generated outside the on-chip memory bound or the address reach, i.e.,
XPC > 3h, access is always external, if XIO = 1. Pages 8−127 are mapped over pages 4−7. When XIO = 1 and MP/MC = 1, program pages 0,
1, 2, and 3 are external. Pages 4−127 are mapped over pages 0−3.
§ On-chip DARAM A and SARAM A are for subsystem A. Likewise, on-chip DARAM B and SARAM B are for subsystem B.
¶ On-chip DRAM 0 and DRAM 1 are owned by subsystem A and shared with subsystem B.
# On-chip DRAM 2 and DRAM 3 are owned by subsystem B and shared with subsystem A.
NOTES: A. Clearing the ROMEN bit (GPIO[7]) enables an 8K-word block (0E000h − 0FFFFh) of DARAM .
B. All external accesses require the XIO pin to be high.
C. CPU I/O space is a single page of 64K words. Access is always external.
D. All internal memory is divided into 8K blocks.
Figure 3−2. Memory Map Relative to CPU Subsystems A and B
3.1.1 On-Chip Dual-Access RAM (DARAM)
The 5421 subsystems A and B each have 32K 16-bit words of on-chip DARAM (4 blocks of 8K words). Each
of these DARAM blocks can be accessed twice per machine cycle. This memory is intended primarily to store
data values; however, it can be used to store program as well. At reset, the DARAM is mapped into data
memory space. The DARAM can be mapped into program/data memory space by setting the OVLY bit in the
processor-mode status (PMST) register of the 54x CPU in each DSP subsystem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com