Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5421 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 18Page - Texas Instruments TMS320VC5421 Datasheet HTML 19Page - Texas Instruments TMS320VC5421 Datasheet HTML 20Page - Texas Instruments TMS320VC5421 Datasheet HTML 21Page - Texas Instruments TMS320VC5421 Datasheet HTML 22Page - Texas Instruments TMS320VC5421 Datasheet HTML 23Page - Texas Instruments TMS320VC5421 Datasheet HTML 24Page - Texas Instruments TMS320VC5421 Datasheet HTML 25Page - Texas Instruments TMS320VC5421 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
Introduction
22
December 1999 − Revised October 2008
SPRS098D
Table 2−3. Signal Descriptions (Continued)
PIN NAME
DESCRIPTION
TYPE†
MEMORY CONTROL SIGNALS (CONTINUED)
R/W
O/Z
Read/write output signal. R/W indicates transfer direction during communication to an external device.
R/W is normally in the read mode (high), unless it is asserted low when the DSP performs a write operation.
This pin is also multiplexed with the HPI, and functions as the host-port read/write input in HPI mode. Refer
to the HPI section of this table for details on the secondary function of this pin.
This pin is placed into the high-impedance state when OFF is low.
IOSTRB
O/Z
I/O space memory strobe. External I/O space is accessible by the CPU and not the direct memory access
(DMA) controller. The DMA has its own dedicated I/O space that is not accessible by the CPU.
This pin is also multiplexed with the general-purpose I/O feature, and functions as the A_GPIO3 (A_TOUT)
signal in HPI mode. Refer to the General Purpose I/O section of this table for details on the secondary
function of this pin.
This pin is placed into the high-impedance state when OFF is low.
PRIMARY
PPA18
O/Z
SELA/B
I
For HPI access (XIO=0), SELA/B is an input.
See Table 3−3 for a truth table of SELA/B, HMODE, and XIO pins and functionality.
For external memory accesses (XIO=1), SELA/B is multiplexed as output PPA18.
See the PPA signal descriptions. These pins are placed into the high-impedance
state when OFF is low.
HOLD‡
I
Hold. HOLD is asserted to request control of the address, data, and control lines. When acknowledged,
these lines go into the high-impedance state.
HOLDA
O/Z
Hold acknowledge. HOLDA indicates to the external circuitry that the processor is in a hold state and that
the address, data, and control lines are in the high-impedance state, allowing them to be available to the
external circuitry. HOLDA also goes into the high-impedance state when OFF is low.
CLOCKING SIGNALS
A_CLKOUT
B_CLKOUT
O/Z
Master clock output signal. CLKOUT cycles at the machine-cycle rate of the CPU. The internal machine
cycle is bounded by the falling edges of this signal. The CLKOUT pin can be turned off by writing a “1” to
the CLKOFF bit of the PMST register. CLKOUT goes into the high-impedance state when EMU1/OFF is
low.
CLKIN§
I
Input clock to the device. CLKIN connects to an oscillator circuit/device (PLL).
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal pullup resistor.
§ These pins are Schmitt triggered inputs.
¶ This pin has an internal bus holder controlled by way of the BSCR register in 54x cLEAD core of DSP subsystem A .
# This pin is used by Texas Instruments for device testing and should be left unconnected.
|| This pin has an internal pulldown resistor.
kAlthough this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com