Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5421 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 37Page - Texas Instruments TMS320VC5421 Datasheet HTML 38Page - Texas Instruments TMS320VC5421 Datasheet HTML 39Page - Texas Instruments TMS320VC5421 Datasheet HTML 40Page - Texas Instruments TMS320VC5421 Datasheet HTML 41Page - Texas Instruments TMS320VC5421 Datasheet HTML 42Page - Texas Instruments TMS320VC5421 Datasheet HTML 43Page - Texas Instruments TMS320VC5421 Datasheet HTML 44Page - Texas Instruments TMS320VC5421 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
Functional Overview
41
December 1999 − Revised October 2008
SPRS098D
Table 3−9. Transmit Channel Enable Registers for Partitions A to H
Bit
Name
Function
15−0
XCERyz(15:0)
Transmit Channel Enable Register
XCERyz n =0
Disables transmit of nth channel in partition y.
XCERyz n =1
Enables transmit of nth channel in partition y.
Note:
y = Partition A,B,C,D,E,F,G, or H; z = McBSP 0,1, or 2; n = bit 15−0
The clock stop mode (CLKSTP) in the McBSP provides compatibility with the serial port interface (SPI)
protocol. Clock stop mode works with only single-phase frames and one word per frame. The word sizes
supported by the McBSP are programmable for 8-, 12-, 16-, 20-, 24-, or 32-bit operation. When the McBSP
is configured to operate in SPI mode, both the transmitter and the receiver operate together as a master or
as a slave.
The McBSP is fully static and operates at arbitrarily low clock frequencies. The maximum McBSP multichannel
operating frequency on the 5421 is 9 MBps. Nonmultichannel operation is limited to 38 MBps.
3.7.1 Emulation Considerations
The McBSP can continue operation even when the DSP CPU is halted due to debugger breakpoints or other
emulation events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com