Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5421 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 16Page - Texas Instruments TMS320VC5421 Datasheet HTML 17Page - Texas Instruments TMS320VC5421 Datasheet HTML 18Page - Texas Instruments TMS320VC5421 Datasheet HTML 19Page - Texas Instruments TMS320VC5421 Datasheet HTML 20Page - Texas Instruments TMS320VC5421 Datasheet HTML 21Page - Texas Instruments TMS320VC5421 Datasheet HTML 22Page - Texas Instruments TMS320VC5421 Datasheet HTML 23Page - Texas Instruments TMS320VC5421 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
Introduction
20
December 1999 − Revised October 2008
SPRS098D
Table 2−3. Signal Descriptions (Continued)
PIN NAME
DESCRIPTION
TYPE†
DATA SIGNALS (CONTINUED)
PPD15 (MSB)
PPD14
PPD13
PPD12
PPD11
PPD10
PPD9
PPD8
PPD7
PPD6
PPD5
PPD4
PPD3
PPD2
PPD1
PPD0 (LSB)
I/O/Z¶
Parallel port data bus. The DSP uses this bidirectional data bus to access external memory when the
device is in external memory interface (EMIF) mode (the XIO pin is logic high).
This data bus is also multiplexed with the 16-bit HPI data bus. When in HPI mode, the bus is used to transfer
data between the host processor and internal DSP memory via the HPI. Refer to the HPI section of this
table for details on the secondary functions of these pins.
The data bus includes bus holders to reduce power dissipation caused by floating, unused pins. The bus
holders also eliminate the need for external pullup resistors on unused pins. When the data bus is not being
driven by the 5421, the bus holders keep data pins at the last driven logic level. The data bus keepers are
disabled at reset and can be enabled/disabled via the BH bit of the BSCR register.
These pins are placed into high-impedance state when OFF is low.
A_INT0§
B_INT0§
A_INT1§
B_INT1§
I
External user interrupts. A_INT0−B_INT0 are prioritized and are maskable by the interrupt mask register
(IMR) and the interrupt mode bit. A_INT1 −B_INT1 can be polled and reset by way of the interrupt flag
register (IFR).
INITIALIZATION, INTERRUPT, AND RESET OPERATIONS
A_NMI§
B_NMI§
I
Nonmaskable interrupt. NMI is an external interrupt that cannot be masked by way of the INTM or the IMR.
When NMI is activated, the processor traps to the appropriate vector location.
A_RS§
B_RS§
I
Reset. RS causes the digital signal processor (DSP) to terminate execution and causes a reinitialization
of the CPU and peripherals. When RS is brought to a high level, execution begins at location 0FF80h of
program memory. RS affects various registers and status bits.
XIO
I
The XIO pin is used to configure the parallel port as a host-port interface (HPI mode when XIO pin is low),
or as an asynchronous memory interface (EMIF mode when XIO pin is high).
NOTE: Because the XIO signal is asynchronous, caution must be taken when changing the state of the
XIO pin to ensure the current cycle is properly ended.
At device reset, the XIO pin level determines the initialization value of the MP/MC bit (a bit in the processor
mode status (PMST) register). Refer to the memory section for details.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal pullup resistor.
§ These pins are Schmitt triggered inputs.
¶ This pin has an internal bus holder controlled by way of the BSCR register in 54x cLEAD core of DSP subsystem A .
# This pin is used by Texas Instruments for device testing and should be left unconnected.
|| This pin has an internal pulldown resistor.
kAlthough this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com